Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2010RA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2010RA
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RA Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2010RA Datasheet HTML 1Page - NXP Semiconductors PCK2010RA Datasheet HTML 2Page - NXP Semiconductors PCK2010RA Datasheet HTML 3Page - NXP Semiconductors PCK2010RA Datasheet HTML 4Page - NXP Semiconductors PCK2010RA Datasheet HTML 5Page - NXP Semiconductors PCK2010RA Datasheet HTML 6Page - NXP Semiconductors PCK2010RA Datasheet HTML 7Page - NXP Semiconductors PCK2010RA Datasheet HTML 8Page - NXP Semiconductors PCK2010RA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
PCK2010RA
CK98R (100/133MHz) RCC spread spectrum
system clock generator
2001 Apr 02
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
2,3
REF [0–1]
3.3 V 14.318 MHz clock output
5
XTAL_IN
14.318 MHz crystal input
6
XTAL_OUT
14.318 MHz crystal output
8
PCICLK_F
3.3 V free running PCI clock
9, 11, 12, 14, 15, 17, 18
PCICLK [1–7]
3.3 V PCI clock outputs
21, 22, 25, 26
3V66 [0–3]
3.3 V fixed 66 MHz clock outputs
28
SEL133/100
Select input pin for enabling 133 MHz or 100 MHz CPU outputs.
H = 133 MHz, L = 100 MHz
30
48 MHz USB
3.3 V fixed 48 MHZ clock output
32, 33
SEL [0–1]
Logic select pins. TTL levels.
34
SPREAD
3.3 V LVTTL input. Enables spread spectrum mode when held LOW.
35
PWRDWN
3.3 V LVTTL input. Device enters powerdown mode when held LOW.
36
CPUSTOP
3.3 V LVTTL input. Stops all CPU clocks and 3V66 clocks when held LOW.
CPUDIV_2 output remains on all the time.
37
PCISTOP
3.3 V LVTTL input. Stops all PCI clocks except PCICLK_F when held LOW.
41, 42, 45, 46
CPUCLK [0–3]
2.5 V CPU output. 133 MHz or 100MHz depending on state of input pin SEL133/100.
49, 50
CPUDIV_2 [0–1]
2.5 V output running at 1/2 CPU clock frequency. 66 MHz or 50 MHz depending on
state of input pin SEL133/100.
53, 54, 55
IOAPIC [0–2]
2.5 V clock outputs running divide synchronous with the CPU clock frequency.
Fixed 16.67 MHz limit.
4, 10, 16, 23, 27, 31, 392
VDD3V
3.3 V power supply.
1, 7, 13, 19, 20, 24, 29,
38, 40, 44, 48, 52
VSS
Ground
43, 47, 51, 56
VDD25V
2.5 V power supply
NOTE:
1. VDD3V, VDD25V and VSS in the above table reflects a likely internal POWER and GROUND partition to reduce the effects of internal noise on
the performance of the device. In reality, the platform will be configured with the VDD25V pins tied to a 2.5 V supply, all remaining VDD pins
tied to a common 3.3 V supply and all VSS pins being common.
2. Pin 39 should have a pi or equivalent filter to reduce the effect of noise on the analog portions of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com