Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2020 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors PCK2020 Datasheet HTML 10Page - NXP Semiconductors PCK2020 Datasheet HTML 11Page - NXP Semiconductors PCK2020 Datasheet HTML 12Page - NXP Semiconductors PCK2020 Datasheet HTML 13Page - NXP Semiconductors PCK2020 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
10
PCI OUTPUTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
TPKP
PCI period
30.0
N/A
30.0
N/A
ns
2, 3, 9, 20
TPKH
PCI HIGH time
12.0
N/A
12.0
N/A
ns
5, 10, 20
TPKL
PCI LOW time
12.0
N/A
12.0
N/A
ns
6, 10, 20
TRISE
PCI rise time
0.5
2.0
0.5
2.0
ns
8, 20
TFALL
PCI fall time
0.5
2.0
0.5
2.0
ns
8, 20
TJITTER
Cycle-to-cycle jitter
500
500
ps
18, 20
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
18, 20
TSKEW
Pin-to-pin skew
500
500
ps
18, 20
USB CLOCK OUTPUT, 48 MHz (LUMP CAPACITANCE TEST LOAD = 20 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
48 MHz
UNITS
NOTES
MIN
MAX
MIN
MAX
f
Frequency, Actual
48.008
MHz
fD
Deviation from 48 MHz
+167
ppm
THKL
3V48MHZCLK LOW time
5.05
N/A
5.05
N/A
ns
20
TRISE
3V48MHZCLK rise time
1.0
4.0
1.0
4.0
ns
8, 20
TFALL
3V48MHZCLK fall time
1.0
4.0
1.0
4.0
ns
8, 20
TJITTER
Cycle-to-cycle jitter
350
350
ps
18, 20
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
18, 20
REF CLOCK OUTPUT, (LUMP CAPACITANCE TEST LOAD = 20 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
48 MHz
UNITS
NOTES
MIN
MAX
MIN
MAX
f
Frequency, Actual
14.318
MHz
20
THKL
REF CLK LOW time
31.0
36.67
31.0
36.67
ns
20
THKH
REF CLK HIGH time
32.0
37.5
32.0
37.5
ns
20
TRISE
REF CLK rise time
N/A
N/A
N/A
N/A
ns
8, 20
TFALL
REF CLK fall time
N/A
N/A
N/A
N/A
ns
8, 20
TJITTER
Cycle-to-cycle jitter
1000
1000
ps
18, 20
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
18, 20
ALL OUTPUTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
TpZL, tpZH
Output enable delay (all outputs)
1.0
10.0
1.0
10.0
ns
20
TpLZ, tpZH
Output disable delay (all outputs)
1.0
10.0
1.0
10.0
ns
20
TSTABLE
All clock Stabilization from Power-up
3
3
ms
7, 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com