Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRC250A03 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZRC250A03
Description  PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRC250A03 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZRC250A03 Datasheet HTML 1Page - Zetex Semiconductors ZRC250A03 Datasheet HTML 2Page - Zetex Semiconductors ZRC250A03 Datasheet HTML 3Page - Zetex Semiconductors ZRC250A03 Datasheet HTML 4Page - Zetex Semiconductors ZRC250A03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
25mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
E-line, 3 pin (TO92)
500mW
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL%
UNITS
MIN
TYP MAX
VR
Reverse Breakdown Voltage
I
R=150µA
2.475
2.45
2.425
2.5
2.5
2.5
2.525
2.55
2.575
1
2
3
V
IMIN
Minimum Operating Current
13
20
µA
IR
Recommended Operating
Current
0.02
5
mA
TC †
Average Reverse
Breakdown Voltage Temp.
Co.
IR(min) to
IR(max)
30
90
ppm/°C
RS §
Slope Resistance
0.4
1
Ω
ZR
Reverse Dynamic Impedance
IR =1mA
f = 100Hz
IAC=0.1 IR
0.3
0.8
Ω
EN
Wideband Noise Voltage
IR =150
µA
f= 10Hz to
10kHz
60
µV(rms)
Reverse Characteristics
Reverse Voltage (V)
0
1.0
2.0
3.0
TA=25°C
0
10
20
30
40
ZRC250
†
TC
=
(VR(max)−VR(min)) x 1000000
VR x
(T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the full operating temperature
range.
§
RS
=
VR Change
(IR (min) to IR (max))
IR (max) − IR (min)
4-248



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com