Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS10C Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # HPS10C
Description  High Performance Silicone 100% RTV Silicone (Clear) 10.2oz Cartridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

HPS10C Datasheet(HTML) 1 Page - Chip Quik Inc.

  HPS10C Datasheet HTML 1Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.1
www.chipquik.com
High Performance Silicone 100% RTV Silicone (Clear) 10.2oz Cartridge
Product Highlights
100% RTV Silicone
Can be Applied at Hot and Cold Temperatures
Withstands Extreme Cold and Extreme Heat
25% Joint Movement Capability
Resistant to Various Chemicals and Oils
Non-Corrosive, Non-Conductive
Flexible, Durable, Non-Degrading
Withstands Moisture, Vibration, Abrasion
One-Component Moisture Cure
Common Uses
Sealing and Bonding Applications.
Industrial Manufacturing Applications.
Will bond to Glass, Metal, Ceramic, Most Paints and Most Plastics.
Instructions
Surfaces should be clean and dry. For detached nozzle cartridge, cut the tip off of the cartridge just above the nozzle threads.
Thread nozzle onto cartridge and cut the tip off of the nozzle to the required bead size. Dispense by pushing the silicone in
the direction of the nozzle with a cartridge dispensing gun. If tooling is required, do so within the first 10 minutes after
dispensing. Apply the silicone to surfaces and remove the excess silicone after tooling with a dry clean cloth. Allow the
silicone to cure completely. At room temperature, 25C (77F), and 50% relative humidity, the silicone will skin in 10 minutes
and fully cure in 24 hours (1/8" bead). The silicone will reach its maximum adhesion in 7 days. Higher humidity accelerates
curing.
Specifications
Meets and Exceeds:
ASTM C920, TT-S-00230C, TT-S-001543A, MIL-46106 Type 1
VOC:
VOC Compliant (<3%)
Operating Temperature Range:
-46°C to +204°C (-50°F to +400°F)
Application Temperature Range:
-37°C to +65°C (-35°F to +150°F)
Curing Time (at 21C (70F), 50% RH):
10 min (skin), 24 hours (full cure), 7 days (max adhesion)
Color:
Clear
Viscosity:
582 x10^3 mPas (cps) (Spindle 7, 4 RPM)
Shore A Hardness:
25
Tensile Strength:
264psi
Elongation:
500%
Size:
308g (10.2oz) Cartridge
Storage and Handling
Store refrigerated or at room temperature 3-25°C (37-77°F).
Shelf Life
>36 months
Transportation
This product has no shipping restrictions. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground
or air will not impact this product's stated shelf life.
1
© 1994-2024 Chip Quik ® Inc.
H
HP
PS
S1
10
0C
C


Similar Part No. - HPS10C

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
HPS10C-20G CHIPQUIK-HPS10C-20G Datasheet
195Kb / 1P
High Performance Silicone 100% RTV Silicone (Clear) 20g (0.7oz) Squeeze Tube
revision 1.1
More results

Similar Description - HPS10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17150 ETC2-17150 Datasheet
93Kb / 4P
SILITE SILICONE RTV-CLEAR
logo
OSRAM GmbH
LYG5AP-CXDX-36-1 OSRAM-LYG5AP-CXDX-36-1 Datasheet
910Kb / 21P
clear silicone lens
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AP OSRAM-LR-W5AP Datasheet
602Kb / 15P
black SMD package, colorless clear silicone resin, silicone lense
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com