Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2023 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2023 Datasheet HTML 1Page - NXP Semiconductors PCK2023 Datasheet HTML 2Page - NXP Semiconductors PCK2023 Datasheet HTML 3Page - NXP Semiconductors PCK2023 Datasheet HTML 4Page - NXP Semiconductors PCK2023 Datasheet HTML 5Page - NXP Semiconductors PCK2023 Datasheet HTML 6Page - NXP Semiconductors PCK2023 Datasheet HTML 7Page - NXP Semiconductors PCK2023 Datasheet HTML 8Page - NXP Semiconductors PCK2023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread spectrum
differential system clock generator
2
2001 Sep 07
853-2278 27052
FEATURES
• 3.3 V operation
• Three differential CPU clock pairs
• Ten PCI clocks at 3.3 V
• Six 66 MHz clocks at 3.3 V
• Two 48 MHz clocks at 3.3 V
• One 14.318 MHz reference clock
• 66,100, 133 or 200 MHz operation
• Power management control pins
• CPU clock skew less than 200 ps cycle-to-cycle
• CPU clock skew less than 150 ps pin-to-pin
• 1.5 ns to 3.5 ns delay on PCI pins
• Spread Spectrum capability
DESCRIPTION
The PCK2023 is a clock synthesizer/driver for a Pentium IV and
other similar processors.
The PCK2023 has three differential pair CPU current source
outputs. There are ten PCI clock outputs running at 33 MHz and two
48 MHz clocks. There are six 3V66 outputs. Finally, there is one
3.3 V reference clock at 14.318 MHz. All clock outputs meet Intel’s
drive strength, rise/fall times, jitter, accuracy, and skew
requirements.
The part possesses a dedicated power-down input pin for power
management control. This input is synchronized on-chip and
ensures glitch-free output transitions.
PIN CONFIGURATION
SW00695
1
2
3
4
5
6
7
8
9
10
11
12
45
46
47
48
49
50
51
52
53
54
55
56
VDD
XTAL_Out
VSS
PCIF0
PCIF1
PCIF2
VDD
VSS
PCI0
PCI1
REF_0
S0
CPU3
CPU3
CPU0
CPU0
VDD
CPU1
CPU1
VSS
VDD
CPU2
PCI2
13
14
15
16
17
18
39
40
41
42
43
44
PCI3
VDD
VSS
PCI4
PCI5
CPU2
IREF
Mult0
VSS Iref
S2
PCI6
19
38
USB 48 MHz
VDD
20
21
22
23
24
25
32
33
34
35
36
37
VSS
66Buff0/3V66_2
66Buff1/3V66_3
66Buff2/3V66_4
66In/3V66_5
DOT 48 MHz
3V66_1/VCH
VDD 48 MHz
PCI_Stop
3V66_0
VDD
PWRDWN
26
31 VSS
VDDA
27
30 SCLK
VSSA
28
29
Vtt_Pwrgd
SDATA
XTAL_In
VSS 48 MHz
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
56-Pin Plastic SSOP
0 to +70
°C
PCK2023DL
SOT371-1
56-Pin Plastic TSSOP
0 to +70
°C
PCK2023DGG
SOT364-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com