Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD8NL Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # SMD8NL
Description  Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) lead-free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD8NL Datasheet(HTML) 1 Page - Chip Quik Inc.

  SMD8NL Datasheet HTML 1Page - Chip Quik Inc. SMD8NL Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.chipquik.com
Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) lead-free
Product Highlights
Easily remove SMD parts with Chip Quik® removal alloy
Reduce heat and reduce damage to circuit boards and SMD parts during removal
Use with SMD291 flux
RoHS II and REACH compliant
Specifications
Alloy:
Chip Quik® lead-free
Melting Point:
79-91°C (174-195°F)
Chip Quik® Instructions
1 Apply Chip Quik flux to all leads of SMD with syringe or flux applicator.
2
Melt Chip Quik low temperature alloy uniformly on all pins of SMD.
Maintain alloy in molten state long enough for complete reflow.
3 Lift chip from board with dental pick or vacuum pen.
4
Thoroughly clean site with swab dipped in flux while applying heat.
Clean thoroughly with alcohol pad.
1
© 1994-2015 Chip Quik® Inc.
S
SM
MD
D8
8N
NL
L


Similar Part No. - SMD8NL

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
SMD8 CHIPQUIK-SMD8 Datasheet
130Kb / 2P
Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) leaded
revision 1.0
SMD8 CHIPQUIK-SMD8 Datasheet
75Kb / 2P
Material Safety
logo
Shenzhen Luguang Electr...
SMD8.000M LUGUANG-SMD8.000M Datasheet
245Kb / 5P
CRYSTAL UNITS
logo
ACPA Technology Co., Lt...
SMD8.0A ACPA-SMD8.0A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
SMD8.0CA ACPA-SMD8.0CA Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
More results

Similar Description - SMD8NL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0100DR-0797R6P YAGEO-RC0100DR-0797R6P Datasheet
676Kb / 8P
LEAD FREE CHIP RESISTORS
logo
TAI-TECH Advanced Elect...
MB31 TAI-TECH-MB31 Datasheet
83Kb / 2P
Ferrite Chip Bead(Lead Free)
MB18 TAI-TECH-MB18 Datasheet
84Kb / 2P
Ferrite Chip Bead(Lead Free)
MB15 TAI-TECH-MB15 Datasheet
130Kb / 2P
Ferrite Chip Bead(Lead Free)
FCM2012 TAI-TECH-FCM2012 Datasheet
134Kb / 4P
Ferrite Chip Bead(Lead Free)
FCM1608 TAI-TECH-FCM1608 Datasheet
123Kb / 4P
Ferrite Chip Bead(Lead Free)
FCM1005 TAI-TECH-FCM1005 Datasheet
107Kb / 2P
Ferrite Chip Bead(Lead Free)
MCI21 TAI-TECH-MCI21 Datasheet
79Kb / 3P
Ferrite Chip Inductor(Lead Free)
FCI1005 TAI-TECH-FCI1005 Datasheet
63Kb / 2P
Ferrite Chip Inductor(Lead Free)
logo
List of Unclassifed Man...
SAC305 ETC1-SAC305 Datasheet
245Kb / 1P
SAC305 LEAD-FREE SOLDER ALLOY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com