Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN-2P-RKMT299 Datasheet(PDF) 5 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 5 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
• IPv6 Route Table: 8,192
• ACLs (Ingress/Egress): 6,144/3,072
• QoS Egress Queues/Port: 8
• VLANs: 4,059
• Routed VLANS: 1,000
 
 
Fabric Connect Scaling (All 5720 Models)
• Fabric Adjacencies per switch: 255
• BEB Nodes per VSN: 2,000
• L2 VSNs: 4,000
• L3 VSNs: 256
Weights and Dimensions
Part Number
Weight
Physical Dimensions
5720-24MW
8.05 kg (17.75 lb.)
Height: 43.2 mm (1.7 in.)
Width: 444.5 mm (17.5 in.)
Depth: 525.8 mm (20.7 in.)
5720-48MW
8.55 kg (18.85 lb.)
5720-24MXW
8.05 kg (17.75 lb.)
5720-48MXW
8.55 kg (18.85 lb.)
5720-VIM-6YE
0.24 kg (0.53 lb.)
Height: 40.6 mm (1.6 in.)
Width: 50.8 mm (2.0 in.)
Depth: 175.3 mm (6.9 in.)
5720-VIM-2CE
0.22 kg (0.49 lb.)
Power Supply Unit Specifications
715W AC PSU
1100W AC PSU
2000W AC PSU*
Voltage Input Range (Nominal)
100-127/200-240 VAC
100-127/200-240 VAC
100-127/200-240 VAC
Line Frequency Range
50Hz to 60Hz
50Hz to 60Hz
50Hz to 60Hz
Power Supply Input Socket
IEC/EN60320 C16
IEC/EN60320 C16
IEC/EN60320 C16
Power Cord Input Plug
IEC/EN60320 C15
IEC/EN60320 C15
IEC/EN60320 C15
Operating Temperature
0°C to 55°C (32°F to 131°F)
Normal Operation
0°C to 50°C (32°F to 122°F)
Normal Operation
0°C to 50°C (32°F to 122°F)
* 200-240 VAC is required to achieve full 2000W output. If run at 100-120VAC, output is limited to 1100W.
Minimum/Maximum Power Consumption and Heat Dissipation
Switch Model
Minimum Power
Consumption (W)
Minimum Heat Dissipation
(BTU/hr)
Maximum Power
Consumption (W)*
Maximum Heat Dissipation
(BTU/hr)**
5720-24MW
86
293
2549
389
5720-24MXW
105
359
2576
416
5720-48MW
103
354
4078
543
5720-48MXW
105
359
4096
561
* Includes maximum PoE load (W) through the switch
** Does not include PoE load heat dissipated through external electronic load
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com