Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN-4P-RKMT299 Datasheet(PDF) 2 Page - Extreme Networks.

Part # XN-4P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-4P-RKMT299 Datasheet(HTML) 2 Page - Extreme Networks.

  XN-4P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Cloud-Based Network Management
The 5720 can be managed by ExtremeCloud IQ and ExtremeCloud IQ—Site
Engine for centralized switch management, giving you a consolidated view
of users, devices, and applications across wired and wireless networks for
efficient inventory and network topology management. ExtremeCloud IQ
enables zero touch provisioning, allowing you to quickly bring new 5720
switches online as well as select the OS persona.
Alternatively, 5720 on-box management can be done manually via a web-
based GUI or generic command-line interface (CLI).
Power over Ethernet (PoE)
All 5720 Series models support 30W, 60W, and 90W PoE that conforms
with IEEE 802.3bt. This enables the 5720 to address the needs of powered
edge devices, while eliminating the need for additional electrical cabling
and circuits. In addition, 5720 PoE models support perpetual and fast PoE
for even more efficient and reliable powered edge device operation.
High-Performance Stacking
The 5720 Series supports high-speed stacking when running Switch
Engine via its two built-in QSFP28 stacking ports. Up to eight switches can
be stacked using qualified SFP+/SFP-DD direct attach cables and optical
transceivers. Stacking is not supported when running Fabric Engine.
Audio Video Bridging
The 5720 Series supports IEEE 802.1 Audio Video Bridging (AVB) when
running Switch Engine OS. This allows 5720 models to deliver reliable,
real-time audio/ video transmission over Ethernet, meeting the quality
of service required for today’s high-definition, time-sensitive multimedia
streams.
Universal Hardware Platform
The 5720 comes with a dual-persona capability, allowing you to choose
your OS. Either the Switch Engine (EXOS)1 or Fabric Engine (VOSS)2 OS can
be selected at switch start-up or changed at a later stage. When selected,
the switch assumes the features and capabilities of that OS.
5720 OS selection can also be automated with ExtremeCloud IQ so that
the desired OS can be automatically loaded at switch start-up, facilitating
remote OS enablement.
1 Switch Engine is the new name for ExtremeXOS (EXOS) on all universal
switch platforms, starting with Version 31.6.
2 Fabric Engine is the new name for the VSP Operating System Software
(VOSS) on all universal switch platforms, starting with Version 8.6.
Ethernet Fabric Services
The 5720 supports a variety of Ethernet Fabric services, including Extreme’s
Fabric Connect when running Fabric Engine and Extreme’s IP Fabric
when running Switch Engine. It also supports Fabric Attach for automated
connection to either Layer 2 or Layer 3 Fabric services.
Extreme’s Fabric Connect and IP Fabric enable the creation of virtualized
networks that automate network operations, simplify network provisioning,
and enhance security, all while reducing the strain on network and IT
personnel.
Integrated Application Hosting
Some 5720 Series models support Extreme’s Integrated Application
Hosting which leverages the switch’s hardware and software design
to run onboard applications without impacting switch performance.
5720-24MXW and 5720-48MXW models can run a Guest VM directly on the
switch, supporting third-party or customized applications to meet specific
business or operational needs. This can provide additional network insight
or enable new network applications without a separate hardware device.
*Requires a Premier License
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com