Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN-2P-RKMT299 Datasheet(PDF) 2 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 2 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Flexible Deployment Options
The X695 can handle a range of high bandwidth applications, including
high-density 10Gb/25Gb top of rack aggregation, as well as spine/leaf
deployments as an edge leaf switch. It can also flexibly support uplinks at
25Gb, 40Gb, 50Gb, or even 100Gb rates. A range of SFP+ and QSFP+ optical
transceivers are available to support 1Gb, 10Gb, and 40Gb Ethernet, while
SFP28 and QSFP28 optical transceivers can be used to support 25Gb, 50Gb,
and 100Gb Ethernet applications.
Intelligent L2/L3 Switching
The X695 supports intelligent Layer 2 switching, as well as Layer 3 IPv4/
IPv6 routing, including policy-based switching and routing. The X695 can
simplify network operation with its ExtremeXOS modular operating system,
used across a wide range of Extreme's networking products. The high
availability ExtremeXOS operating system reduces operational overhead
with a single OS across the network.
Integrated Application Hosting
Extreme’s Integrated Application Hosting leverages the X695 operating
software and hardware to provide on-switch processing without impacting
switching or network performance. This flexible and open solution enables
organizations to deploy Extreme-provided and/ or third-party applications
and tools directly on the X695 system for monitoring, troubleshooting, or
extended network functionality, based on customer need.
Benefits of the Integrated Application Hosting on the X695 include:
• Flexible deployment of VM-based applications within the network
using the hardware resources of the X695
• Ability of VM-based applications to extract data without disrupting
forwarding or control plane traffic
• Availability of dedicated memory and SSD storage for flexible packet
capture and off-line processing
High-Performance Stacking
The X695 supports either SummitStack-V400 or SummitStack-V160 high
speed stacking via its 2 QSFP28 ports. Up to eight (8) X590, X690,
X695 or X870 systems can be stacked when using SummitStack-V400.
Alternatively, the X695 can cross-stack with X465 systems by using
SummitStack-V160. Any of the supported QSFP28 direct attach cables and
optical transceivers can be used for the stacking links.
Audio Video Bridging
The X695 series supports IEEE 802.1 Audio Video Bridging to enable
reliable, real-time audio/video transmission over Ethernet. AVB technology
delivers the quality of service required for today’s high-definition and time-
sensitive multimedia streams.
Management
The X695 can be centrally managed by ExtremeCloud IQ –Site Engine,
which provides a consolidated view of users, devices, and applications
for wired and wireless networks. Zero-touch provisioning lets one quickly
bring new infrastructure online. A granular view of users, devices, and
applications with an easy to understand dashboard enables efficient
inventory and network topology management.
Network Intelligence
The X695 Series can provide insight and intelligence into the network
via line-rate, hardware-accelerated sFlow support. With this capability, the
X695 can deliver actionable insights into both network and application
performance without the need for expensive sensors or collectors.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com