Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSD100 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSD100
Description  AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSD100 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSD100_06 Datasheet HTML 1Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 2Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 3Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 4Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 5Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 6Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 7Page - Zetex Semiconductors ZSD100_06 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Issue 7 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
ZSD100
Low
Frequency
Oscillator
Output
Driver
Q
Oscillator
Output
Control
Voltage
Audio
Voltage
Controlled
Oscillator
SAW
C
R
R (INT)
Q
T
T
MOD
C OUT
PIN DESCRIPTIONS
1.
RT
Optional external resistor for improved frequency control. An external resistor
improves the control of both the modulating and output oscillators.
The RT pin is also used to power the device down. Either connecting RT to VCC or
an open circuit will result in the device being disabled.
2.
SAW
Selection of modulation waveform is made using the SAW pin. An open circuit
produces a triangle wave, sawtooth is achieved by connecting SAW to the CMOD
pin.
3.
CMOD
An external capacitor is used to program the low frequency modulating oscillator.
The value of CMOD recommended is between 0.1
µF and 100µF.
4.
GND
5.
COUT
An external capacitor is used to program the output oscillator. The value of COUT
recommended is between 1nF and 100nF.
6.
Q
Non inverted output driver
7.
Q
Inverted output driver
8.
VCC
FUNCTIONAL DESCRIPTION
The audio signal of the ZSD100 is generated using a squarewave oscillator whose output is capable
of directly driving a wide range of output circuits. To produce a characteristic alarm siren sound, the
frequency of the audio oscillator is swept over a fixed 2:1 range by a second, low frequency oscillator.
The freqencies of both oscillators are controlled by RT(INT) and capacitors CMOD and COUT .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com