Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2057 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2057
Description  70 - 190 MHz I2C differential 1:10 clock driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2057 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2057 Datasheet HTML 4Page - NXP Semiconductors PCK2057 Datasheet HTML 5Page - NXP Semiconductors PCK2057 Datasheet HTML 6Page - NXP Semiconductors PCK2057 Datasheet HTML 7Page - NXP Semiconductors PCK2057 Datasheet HTML 8Page - NXP Semiconductors PCK2057 Datasheet HTML 9Page - NXP Semiconductors PCK2057 Datasheet HTML 10Page - NXP Semiconductors PCK2057 Datasheet HTML 11Page - NXP Semiconductors PCK2057 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data
PCK2057
70 – 190 MHz I2C differential 1:10 clock driver
2001 Jun 12
8
AC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Propagation delay time
Test mode/CLK to any output
—
3.7
—
ns
tPHL
HIGH-to-LOW level propagation delay time
SCL to SDA (acknowledge)
—
500 1
—
ns
ten
Output enable time
Test mode/SDA to Y output
—
85
—
ns
tdis
Output disable time
Test mode/SDA to Y output
—
35
—
ns
tjit(per)
Jitter (period); see Figure 4
100 MHz to 167 MHz
–75
—
75
ps
tjit(cc)
Jitter (cycle-to-cycle); see Figure 5
100 MHz to 167 MHz
–75
—
75
ps
tjit(hper)
Half-period jitter; see Figure 6
100 MHz to 167 MHz
–90
—
90
ps
t∅
Static phase offset; see Figure 1
133 MHz/VID on CLK = 0.71 V
220
—
450
ps
t∅
Static phase offset; see Figure 1
167 MHz/VID on CLK = 0.71 V
140
—
270
ps
tslr(o)
Output clock slew rate; see Figure 3
terminated with 120
Ω/14 pF
1
—
2
V/ns
tsk(o)
Output skew; see Figure 2
—
—
75
ps
SSC modulation frequency
30
—
33.3
kHz
SSC clock input frequency deviation
0.00
—
–0.50
%
NOTE:
1. This time is for a PLL frequency of 100 MHz.
AC WAVEFORMS
SW00882
t(O) = Σ
1
n =N
t(O)n
N
t(O)n
t(O)n + 1
(N is a large number of samples)
CLK
CLK
FBIN
FBIN
Figure 1. Static phase offset
SW00883
tsk(O)
Yx
Yx
Yx, FBOUT
Yx, FBOUT
Figure 2. Output skew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com