Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT81460 Datasheet(PDF) 39 Page - Qorvo, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT81460 Datasheet(HTML) 39 Page - Qorvo, Inc

Back Button ACT81460 Datasheet HTML 35Page - Qorvo, Inc ACT81460 Datasheet HTML 36Page - Qorvo, Inc ACT81460 Datasheet HTML 37Page - Qorvo, Inc ACT81460 Datasheet HTML 38Page - Qorvo, Inc ACT81460 Datasheet HTML 39Page - Qorvo, Inc ACT81460 Datasheet HTML 40Page - Qorvo, Inc ACT81460 Datasheet HTML 41Page - Qorvo, Inc ACT81460 Datasheet HTML 42Page - Qorvo, Inc ACT81460 Datasheet HTML 43Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
ACT81460
Low Power PMIC With Integrated Linear Charger
Data Sheet Rev. C, January 2022 | Subject to change without notice
39 of 67
www.qorvo.com
®
BUCK-BOOST REGULATOR
General Description
ACT81460 contains a fully integrated, four-switch,
buck-boost regulator. It operates from an input voltage
range of 2.7V to 5.5V and provides an output range
between 3.2V and 5.0V.
The four integrated MOSFETS minimize the cost and
size of the solution with minimal external components
needed for the buck-boost function. The buck-boost can
be configured to operate in the following modes:
•
Buck-boost Only mode
•
Buck Only mode
•
Boost Only mode
•
Auto Buck / Buck-Boost / Boost mode
•
Auto Buck-Boost / Boost mode
The operating mode cannot be changed during opera-
tion. Refer to the CMI Options section for each CMI’s
specific setting. Contact Qorvo if a different operating
configuration is needed.
In
CCM
mode,
there
are
four
user-selectable
frequencies
between
1.5MHz
and
3.3MHz.
The
buck-boost is available with a variety of standard and
custom output voltages and may be software-controlled
via the I2C interface for systems that require advanced
power management functions.
Operating Mode
The buck-boost regulator emulates operation of a fixed-
frequency regulator at medium to heavy loads. It
transitions to a proprietary power-saving mode at light
loads to save power and improve efficiency. The
buck-boost is optimized to reduce its input current dur-
ing off/shutdown and standby modes when there is no
load current and the regulator is left on with the output
regulating. The output voltage can be configured via I2C.
Synchronous Rectification
The buck-boost features an integrated full H-bridge with
two high side (HS) and two low side (LS) power
MOSFETs. The LS MOSFETS are used in a fully
synchronous mode to maximize efficiency and minimize
the total solution size and cost by eliminating the need
for external rectifiers.
Note that an additional Schottky diode is required when
the output voltage is greater than 4.7V. Connect the
anode to SWBB2 and the cathode to VBBST. The diode
should be placed on the top layer with direct
connections to these two pins. Refer to the EVK for
layout details.
Soft-Start
The buck-boost regulator includes an internal 800µs
soft-start ramp which limits the rate of change of the
output voltage, minimizing input inrush current and
ensuring that the output powers up in a monotonic
manner that is independent of loading on the outputs.
This circuitry is effective any time the regulator is
enabled, as well as after responding to a short-circuit or
other fault condition and during retry after a fault.
Output Voltage Setting
Output voltage for the buck-boost regulator can be
programmed in 50mV steps from 3.20V to 5.0V. The
buck-boost regulates to the voltage defined by I2C
register VSET0. It can be programmed between 3.2V
and 5.0V in 50mV steps. The following equation
calculates the output voltage based on the VSET0
register setting.
Vbuck-boost = 3.2V + VSET0 * 0.05V
Where VSET0 is the decimal equivalent of the value in
the I2C VSET0 register. The VSET0 register contains an
unsigned 6-bit binary value. As an example, if the
VSET0 register contains 100100b (36decimal), the
output voltage is 5.0V.
Changes to the output voltage are intended to be
performed with CMI settings. The output voltage should
not be changed in final production. For development
and experimentation, the output voltage may be
changed by +-20% from the default setting. Voltage
changes larger than +/- 20% require different factory
trim settings (new CMI). Programming the output
voltage farther than 20% from the default setting may
damage the IC.
Table 6 shows the output voltage as a function of the
VSET0 register setting. Do not program the VSET0
registers to a value greater than 100100b. Programming
higher than this may damage the IC.
Buck-Boost Output Voltage (V)
VSET0 [5:3]
000
001
010
011
100
101
110
111
000
3.20
3.60
4.00
4.40
4.80
N/A
N/A
N/A
001
3.25
3.65
4.05
4.45
4.85
N/A
N/A
N/A
010
3.30
3.70
4.10
4.50
4.90
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com