Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2510SA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2510SA
Description  50-150 MHz 1:10 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510SA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2510SA Datasheet HTML 2Page - NXP Semiconductors PCK2510SA Datasheet HTML 3Page - NXP Semiconductors PCK2510SA Datasheet HTML 4Page - NXP Semiconductors PCK2510SA Datasheet HTML 5Page - NXP Semiconductors PCK2510SA Datasheet HTML 6Page - NXP Semiconductors PCK2510SA Datasheet HTML 7Page - NXP Semiconductors PCK2510SA Datasheet HTML 8Page - NXP Semiconductors PCK2510SA Datasheet HTML 9Page - NXP Semiconductors PCK2510SA Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510SA
50–150 MHz 1:10 SDRAM clock driver
2000 Dec 01
6
TIMING REQUIREMENTS
Over recommended ranges of supply voltage and operating free-air temperature
SYMBOL
PARAMETER
MIN
MAX
UNIT
fCLK
Clock frequency
50
150
MHz
Input clock duty cycle
40
60
%
Stabilization time1
1
ms
NOTE:
1. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation
delay, skew, and jitter parameters given in the switching characteristics table are not applicable.
SWITCHING CHARACTERISTICS
Over recommended ranges of supply voltage and operating free-air temperature; CL = 30 pF
PARAMETER
FROM
TO
VCC, AVCC = 3.3 V ±0.3 V
UNIT
PARAMETER
(INPUT)/CONDITION
(OUTPUT)
MIN
TYP
MAX
UNIT
t
2
CLKIN
↑ = 100 MHz to 133 MHz
FBIN
↑
–100
100
ps
tphase error 2
CLKIN
↑ = 66 MHz
FBIN
↑
–125
125
ps
tphase error – jitter 1, 3
CLKIN
↑ = 100 MHz to 133 MHz
FBIN
↑
–50
50
ps
tSK(0)
Any Y or FBOUT
Any Y or FBOUT
200
ps
jitter(peak-peak)
CLKIN = 100 MHz to 133 MHz
Any Y or FBOUT
–80
80
ps
jitter (cycle-cycle) 1
CLKIN = 100 MHz to 133 MHz
Any Y or FBOUT
|65|
ps
Duty cycle
reference 1
F(CLKIN
> 60 MHz)
Any Y or FBOUT
47
53
%
tr 1
VO = 0.4 V to 2 V
Any Y or FBOUT
2.5
1
V/ns
tf 1
VO = 0.4 V to 2 V
Any Y or FBOUT
2.5
1
V/ns
NOTES:
1. These parameters are not production tested.
2. This is considered as static phase offset.
3. Phase error does not include jitter. (tphase error = static phase error – jitter(cycle-cycle))
4. The tSK(0) specification is only valid for outputs with equal loading.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com