Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM417 Datasheet(PDF) 5 Page - Analog Microelectronics GmbH

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM417 Datasheet(HTML) 5 Page - Analog Microelectronics GmbH

  AM417 Datasheet HTML 1Page - Analog Microelectronics GmbH AM417 Datasheet HTML 2Page - Analog Microelectronics GmbH AM417 Datasheet HTML 3Page - Analog Microelectronics GmbH AM417 Datasheet HTML 4Page - Analog Microelectronics GmbH AM417 Datasheet HTML 5Page - Analog Microelectronics GmbH AM417 Datasheet HTML 6Page - Analog Microelectronics GmbH AM417 Datasheet HTML 7Page - Analog Microelectronics GmbH AM417 Datasheet HTML 8Page - Analog Microelectronics GmbH AM417 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 5/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Output Stage
Adjustable Gain
GOUT
2
11
Input Voltage Range
VVR
0.05
VCC–
2.25V
V
Input Current
IIN
VIN– = 2V, ∆VIN = 50mV
20
75
nA
Input Offset Voltage
VOS
-3
3
mV
VOS vs. temperature
dVOS/dT
VIN– = 2V, ∆VIN = 50mV,
Tamb = -40…100°C
-15
15
µV/°C
VOS vs. temperature
dVOS/dT
VIN– = 2V, ∆VIN = 50mV,
Tamb = 100…125°C
-100
0
µV/°C
Output Current
IVOUT
Pin VOUT
65
150
350
µA
Output Voltage Range
VOUT
With external transistor*
0.5
4.5
V
Output Current
IOUT
With external transistor*
11
mA
Output Resistance
ROUT
With external transistor*
0.1
0.85
Ω
Power Supply Rejection Ratio
PSRR
-72
-90
dB
Current Limitation Threshold
VTHRESH
VTHRESH = VVCC – VVOUTmin
R2 = 27Ω, IOUT ≈ 14mA
1.00
1.15
V
VTRESH vs. Temperature
dVTHRESH/dT
-40...+125°C without external transistor*
-4.2
-1.8
mV/°C
System Parameters
Input Voltage Range
∆VIN
∆VIN
@ VOUTmax = 4.5V and GOUT = 10
@ VOUTmax = 4.5V and GOUT = 2
0
0
40
200
mV
mV
Gain Bandwidth Product
GBW
COUT = 1nF
400
1,500
kHz
Nonlinearity
NL
0.15
%FS
Table 1: Electrical specifications
System parameters: specifications which refer to the AM417 circuit as a whole.
* Output current dependent on resistor R2 (see Equation 4).
BOUNDARY CONDITIONS / EXTERNAL COMPONENTS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Resistor Adjustment Current Source
R1
400
1000
Ω
Resistor Sense Current Limitation
R2
0
50
Ω
Gain Resistor Sum
R3 + R4
VOUT = (R3 + R4)/R4 GIA
0:41
2.1
kΩ
Capacitor Power Supply
C1
100
330
nF
Capacitor Frequency Compensation
C2
X7R capacitor ,
±10%
4.7
4,7
nF
Capacitor Load
C3
X7R capacitor ,
±10%
1.0
10.0
nF
Output PNP Transistor
βT1
e.g. BCW68H or BC557C, low drop,
high β for Tamb = -40….125°C
180
Table 2: Electrical boundary conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com