Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM462 Datasheet(PDF) 8 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 8 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 4Page - Analog Microelectronics GmbH AM462 Datasheet HTML 5Page - Analog Microelectronics GmbH AM462 Datasheet HTML 6Page - Analog Microelectronics GmbH AM462 Datasheet HTML 7Page - Analog Microelectronics GmbH AM462 Datasheet HTML 8Page - Analog Microelectronics GmbH AM462 Datasheet HTML 9Page - Analog Microelectronics GmbH AM462 Datasheet HTML 10Page - Analog Microelectronics GmbH AM462 Datasheet HTML 11Page - Analog Microelectronics GmbH AM462 Datasheet HTML 12Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 8/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
INITIAL OPERATION OF AM462
General information on 2- and 3-wire applications and the use of current
In 3-wire operation (cf. Figure 3 right and Figure 7) the ground of the IC (pin GND) is connected up
to the external mass of the system Ground. The system's supply voltage VS is connected to pin VCC
and pin VCC to pin RS+.
In 2-wire operation (cf. Figure 3 left and Figure 7) system supply voltage VS is connected to pin
RS+ and pin VCC to RS-. The ground of the IC (pin GND) is connected to the node between resistor
R5 and load resistor RL (current output IOUT). IC ground (GND) is not the same as system ground
(Ground)!! The output signal is picked up via load resistor RL which connects current output IOUT to
the system ground.
In 2-wire operation the IC ground is "virtual" (floating), as with a constant load resistance the
supply voltage of the device VCC changes according to the current. As a rule, the following equation
applies to 2-wire operation:
()
L
IN
OUT
S
CC
R
V
I
V
V
−
=
(3)
The reason for this is that in 2-wire operation the IC is connected in series to the actual load resistor
RL. This is illustrated in Figure 3.
In 3-wire operation VCC = VS, as the IC ground is connected to the ground of the system.
Setting the output current range
When using amplification stage OP1 together with the V/I converter for voltage-to-current
conversion the offset of the output current should first be compensated for by suitable selection of
resistors R3 and R4. To this end the OP1 input must be connected to ground (VINP = 0). With the
short circuit at the input and by connecting up V/I converter pin VSET as shown in Figure 2 the
values of the output current according to Equation 2 are as follows:
R
L
V
S
2-wire system
signal source and
conditioning IC
GND Ground
≠
V
CC ≠ VS
Ground
R
L
3-wire system
signal source and
conditioning IC
GND Ground
=
V
CC = VS
Ground GND
=
GND
V
CC
I
OUT
I
OUT
VV
CC
S
=
Figure 3: The difference between 2- and 3-wire operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com