Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2510SL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2510SL
Description  50-150 MHz 1:10 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510SL Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2510SL Datasheet HTML 1Page - NXP Semiconductors PCK2510SL Datasheet HTML 2Page - NXP Semiconductors PCK2510SL Datasheet HTML 3Page - NXP Semiconductors PCK2510SL Datasheet HTML 4Page - NXP Semiconductors PCK2510SL Datasheet HTML 5Page - NXP Semiconductors PCK2510SL Datasheet HTML 6Page - NXP Semiconductors PCK2510SL Datasheet HTML 7Page - NXP Semiconductors PCK2510SL Datasheet HTML 8Page - NXP Semiconductors PCK2510SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510SL
50–150 MHz 1:10 SDRAM clock driver
2000 Dec 01
5
ABSOLUTE MAXIMUM RATINGS 1, 3
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
AVCC
Supply voltage range
Note 2
< VCC + 0.7
V
VCC
Supply voltage range
–0.5
+4.6
V
IIK
Input clamp current
VI < 0
–50
mA
VI
Input voltage range
Note 3
–0.5
6.5
V
IOK
Output clamp current
VO > VCC or VO < 0
±50
mA
VO
Output voltage range
Notes 3, 4
–0.5
VCC + 0.5
V
IO
DC output source or sink current
VO = 0 to VCC
±50
mA
TSTG
Storage temperature range
–65
+150
°C
PTOT
Power dissipation per package
700
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. AVCC must not exceed VCC.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4. This value is limited to 4.6 V maximum.
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC, AVCC
Supply voltage
3
3.6
V
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0
0.8
V
VI
Input voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
0
+70
°C
NOTE:
1. Unused inputs must be held high or low to prevent them from floating.
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
AVCC, VCC (V)
OTHER
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
3
II = –18 mA
–1.2
V
MIN to MAX
IOH = – 100 µA
VCC – 0.2
VOH
HIGH level output voltage
3
IOH = – 12 mA
2.1
V
3
IOH = – 6 mA
2.4
MIN to MAX
IOL = 100 µA
–
0.2
VOL
LOW level output voltage
3
IOL = 12 mA
–
0.8
V
3
IOL = 6 mA
–
0.55
II
Input current
3.6
VI = VCC or GND
±5
µA
ICC 1
Quiescent supply current
3.6
VI = VCC or GND;
IO = 0, outputs: LOW or HIGH
10
µA
∆ICC
Additional supply current per
input pin
3.3 to 3.6
One input at VCC – 0.6 V;
other inputs at VCC or GND
500
µA
CI
Input capacitance
3.3
VI = VCC or GND
2.8
pF
CO
Output capacitance
3.3
VO= VCC or GND
5.4
pF
NOTE:
1. For ICCA and ICC vs. Frequency, see Figures 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com