Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP8800-4AIPVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTP8800-4AIPVPBF
Description  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF Datasheet(HTML) 2 Page - Analog Devices

  LTP8800-4AIPVPBF Datasheet HTML 1Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 2Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 3Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 4Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 5Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 6Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 7Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LTP8800-4A
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 70V
7V0 ..........................................................–0.3V to 7.75V
3V3, SYNC, CTRL, SMBALERT,
SDA, SCL, ISHARE, ADD........................... –0.3V to 3.6V
VOUT, VS+ ...................................................–0.3V to 1.6V
VS–............................................................ –0.3V to 0.3V
Operating Junction Temperature Range
LTP8800-4A (Note 2)................................. 0°C to 125°C
Storage Temperature Range (Note 2)..... –40°C to 150°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
7V0
GND
3V3
SYNC
GND
GND
TOP VIEW
OPEN FRAME PACKAGE
22-LEAD (22mm × 24mm × 22mm)
WEIGHT = 18.4g
VOUT
VOUT
VOUT
SMBALERT
ISHARE
CTRL
ADD
VS+
VS–
2
1
21
3
4
5
6
SDA SCL GND
VOUT
VOUT
VIN
VOUT
20
19
18
17
15
14
16
7
8
9
10
11
12
13
22
ORDER INFORMATION
PART NUMBER
PART MARKING
PACKAGE DESCRIPTION
MSL RATING
TEMPERATURE RANGE
LTP8800-4AIPV#PBF
LTP8800-4A
22-Lead (22mm × 24mm) Open Frame
3
0°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com