Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19WS Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BAV19WS
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BAV19WS Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BAV19WS Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BAV19WS Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BAV19WS Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
100
0
20
40
60
80
100
120
0.1
1
10
100
1000
0
5
10
15
20
0.4
0.6
0.8
1.0
1.2
1.4
Forward
Characteristics
Reverse
Characteristics
Power Derating Curve
AMBIENT TEMPERATURE
Ta
(
)
℃
400
30
3
FORWARD VOLTAGE
V
F
(V)
0.3
300
30
3
Ta=100℃
Ta=25℃
REVERSE VOLTAGE
V
R
(V)
Ta=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
 
 
AVxxWS-SERIES
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com