Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK953 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK953
Description  50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK953 Datasheet(HTML) 6 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
PCK953
50–125 MHz PECL input/CMOS output
3.3 V PLL clock driver
2001 Feb 08
6
At the load end, the voltage will double due to the near unity
reflection coefficient, to 2.62 V. It will then increment towards the
quiescent 3.0 V in steps separated by one round-trip delay (in this
case 4.0 ns).
SW00630
OutB
tD = 3.9386
3.0
2.5
2.0
1.5
1.0
0.5
0
TIME (ns)
2
4
6
8
10
12
14
In
OutA
tD = 3.8956
Figure 3. Single versus dual waveforms
Since this step is well above the threshold region, it will not cause
any false clock triggering, however designers may be uncomfortable
with unwanted reflections on the line. To better match the
impedances when driving multiple lines, the situation in Figure 4
should be used. In this case, the series terminating resistors are
reduced such that when the parallel combination is added to the
output buffer impedance, the line impedance is perfectly matched.
SW00629
PCK953
14
Ω
OUTPUT
BUFFER
RS = 22 Ω
ZO = 50 Ω
RS = 22 Ω
ZO = 50 Ω
14
Ω + 22 Ω ø 22 Ω = 50 Ω ø 50 Ω
25
Ω = 25 Ω
Figure 4. Optimized dual line termination
SPICE level output buffer models are available for engineers who
want to simulate their specific interconnect schemes. In addition, IV
characteristics are in the process of being generated to support the
other board-level simulators in general use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com