Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSL Datasheet(PDF) 1 Page - Heyco.

Part # HSSL
Description  Nylon PCB Supports - Imperial Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

HSSL Datasheet(HTML) 1 Page - Heyco.

  HSSL Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-10a
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
FLAT TOP REST MOUNT /
ARROWHEAD LOCK
CUPPED TEARDROP /
CUPPED TEARDROP
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
HPS
HCDLCBST
HSSL
HLNCBS
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
flat top rest mount
.062
1,6
.098
2,5
.062
1,6
.157
4,0
.062
1,6
.157
4,0
Chassis
.078
2,0
.187
4,8
.062
1,6
.098
2,5
.070
1,8
.188
4,8
.078
2,0
.187
4,8
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural*
Natural
Natural
.187
4,8
10233
HPS-03
10836
HCDLCBST-03
3670
HSSL-03
10966
HLNCBS-03
.250
6,4
10234
HPS-04
10837
HCDLCBST-04
3671
HSSL-04
10967
HLNCBS-04
.312
7,9
10235
HPS-05
10838
HCDLCBST-05
.375
9,5
10236
HPS-06
10839
HCDLCBST-06
3672
HSSL-06
10969
HLNCBS-06
.437
11,1
10237
HPS-07
10840
HCDLCBST-07
3673
HSSL-07
.500
12,7
10238
HPS-08
10841
HCDLCBST-08
3674
HSSL-08
10971
HLNCBS-08
.562
14,3
10842
HCDLCBST-09
.625
15,9
10239
HPS-10
10843
HCDLCBST-10
3675
HSSL-10
10973
HLNCBS-10
.750
19,1
10240
HPS-12
3676
HSSL-12
10974
HLNCBS-12
.875
22,2
10241
HPS-14
10975
HLNCBS-14
Standard color natural.
*Consult Heyco for HCDLCBST in V-0 material.
Heyco
® Nylon PCB Supports - Imperial Spacing
BAYONET SNAP LOCK 15,2 /
ARROWHEAD SNAP LOCK
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)


Similar Part No. - HSSL

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HSS COPAL-HSS Datasheet
286Kb / 1P
Miniature Slide Switches
logo
Samtec, Inc
HSS-101-G-1A SAMTEC-HSS-101-G-1A Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1B SAMTEC-HSS-101-G-1B Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1C SAMTEC-HSS-101-G-1C Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
HSS-101-G-2 SAMTEC-HSS-101-G-2 Datasheet
1Mb / 1P
PRECISION MACHINED SOCKET STRIPS
More results

Similar Description - HSSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
PCB Supports - MLLP Series
logo
Harwin Plc
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
PCB Supports - LTP Series
561-MLLP187 ETC2-561-MLLP187_11 Datasheet
173Kb / 2P
PCB Supports - MLLP Series
10104 ETC-10104 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com