Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCKV857 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCKV857
Description  70-190 MHz differential 1:10 clock driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCKV857 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCKV857 Datasheet HTML 4Page - NXP Semiconductors PCKV857 Datasheet HTML 5Page - NXP Semiconductors PCKV857 Datasheet HTML 6Page - NXP Semiconductors PCKV857 Datasheet HTML 7Page - NXP Semiconductors PCKV857 Datasheet HTML 8Page - NXP Semiconductors PCKV857 Datasheet HTML 9Page - NXP Semiconductors PCKV857 Datasheet HTML 10Page - NXP Semiconductors PCKV857 Datasheet HTML 11Page - NXP Semiconductors PCKV857 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data
PCKV857
70–190 MHz differential 1:10 clock driver
2001 Jun 12
8
fO
Yx, FBOUT
Yx, FBOUT
tcycle n
Yx, FBOUT
Yx, FBOUT
1
tJIT(PER) = tcycle n –
fO
1
SW00884
Figure 4. Period jitter
tcycle n
tcycle n + 1
SW00881
tJIT(CC) = tcycle n – t cycle n+1
Yx, FBOUT
Yx, FBOUT
Figure 5. Cycle-to-cycle jitter
fO
Yx, FBOUT
Yx, FBOUT
thalf period n
1
tJIT(HPER) = thalf period n –
2*fO
1
SW00885
thalf period n + 1
Figure 6. Half-period jitter
skew
ANY TWO OUTPUTS
SW00396
Figure 7. Skew between any two outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com