Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB-CB-485 Datasheet(PDF) 4 Page - BusBoard Prototype Systems Ltd.

Part # PCB-CB-485
Description  RS-485 to Logic Level Adapter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PCB-CB-485 Datasheet(HTML) 4 Page - BusBoard Prototype Systems Ltd.

  PCB-CB-485 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 3Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 4Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 5Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 6Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 7Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 8Page - BusBoard Prototype Systems Ltd. PCB-CB-485 Datasheet HTML 9Page - BusBoard Prototype Systems Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BusBoard Prototype Systems - Built for designers
www.BusBoard.com
sales@busboard.com
BPS-DAT-(PCB-CB-485)-0001 Rev 1.00 Datasheet.doc
1x10 Header (J10), UART Logic Levels
The 1x10 header is usually installed on the bottom
of the PCB to allow the adapter to be inserted in a
breadboard or development board, or soldered into
a prototyping board.
The ComBoard 1x10 pinout is as follows:
Pin
Name
Description
Signal Direction
1
GND
Ground
2
Rx
Receive Data
Input (to MCU)
3
Tx
Transmit Data
Output (from MCU)
4
+5V (or +3.3V)
Power
Power to ComBoard
5
Ring
Ring
Input (to MCU)
6
CTS
Clear To Send
Input (to MCU)
7
RTS
Request To Send, Used for
RS-485 Driver Enable
Output (from MCU)
8
DSR
Data Set Ready
Input (to MCU)
9
DCD
Data Carrier Detect
Input (to MCU)
10
DTR
Data Terminal Ready
Output (from MCU)
The DTE names are used for logic-level signals (Tx is an output).
All signal levels on this header are CMOS logic levels. MCU = the microcontroller.
Pins 5,6,8,9,10 Not Used on CB-485 modules.
The ComBoard 1x10 pin out provides all 9 pins required for full serial port handshaking plus a power
pin. Some modules may only use some of the pins, such as Tx and Rx for 2-wire serial, or Tx, Rx, RTS
and CTS for 4-wire serial with flow control.
The power supplied on pin 4 is +5V or +3.3V depending on the development board and jumper options.
The CB485, CB-232F and CB-232M modules use the same 1x10 connector signals so that they can be
plugged in interchangeably on development boards. Note that DTE signals names and directions are
used on the 1x10 connector regardless of whether the module and DB9 connector is DTE (DB9M) or
DCE (DB9F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com