Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5027 Datasheet(PDF) 2 Page - EPCOS

Part # B5027
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5027 Datasheet(HTML) 2 Page - EPCOS

  B5027 Datasheet HTML 1Page - EPCOS B5027 Datasheet HTML 2Page - EPCOS B5027 Datasheet HTML 3Page - EPCOS B5027 Datasheet HTML 4Page - EPCOS B5027 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Jul 19, 2005
SAW Components
B5027
463,7375 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC8C
Features
q
Low-loss RF filter for CDMA450 base stations
q
Usable passband 7,475 MHz
q
Ceramic SMD package
q
RoHS compliant
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,116 g
Pin configuration
3
Input
2
Input ground
7
Output
6
Output ground
4, 8
Case ground
1, 5
to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B5027
B39461-B5027-U310
C61157-A7-A56
F61074-V8169-Z000
Maximum ratings
Operable temperature range
T
-40/ +85
˚C
Storage temperature range
Tstg
-40/ +85
˚C
DC voltage
VDC
5V
Source power
Ps
15
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com