Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-PHASE Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 3-PHASE
Description  3-PHASE SERIES INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3-PHASE Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  3-PHASE Datasheet HTML 1Page - Sensata Technologies, Inc. 3-PHASE Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
Copyright © 2022 Sensata Technologies, Inc.
www.sensata.com
3-PHASE SERIES INVERTER
Features
• Ventless cover for moisture and dust resistance
• Will withstand vibrating environment
• Enclosed AC and DC cable connections
• Elapsed time hour meter
• Remote ON/OFF switch hookup
• Battery voltage indicator with push-to-test
• Thermally-controlled AC cooling fan
• Automatic low battery shutdown at 21 VDC (with in-rush delay)
• LED indication of Inverter power, Low input voltage,
High temperature, & Overload
Introduction
This industrial inverter provides three phase, modified sine wave with single pulse per phase, pulse width modulated power which works well
with three phase motors.
Model Numbers
• 24/6000H-3PHQ
Available For
• Marine Systems
• RV Systems
• Trucks
• Utility Vehicles
24
4500-
12000 VA
Battery Voltage Options
Continuous Output Options
Modified Sine Wave


Similar Part No. - 3-PHASE

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
3-PSG3M/TXL TURCK-3-PSG3M/TXL Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
More results

Similar Description - 3-PHASE

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
3-phase bridge inverter
SK35GD065ET SEMIKRON-SK35GD065ET_07 Datasheet
658Kb / 4P
3-phase bridge inverter
SKIIP15AC066V1 SEMIKRON-SKIIP15AC066V1 Datasheet
951Kb / 2P
3-phase bridge inverter
SKIIP39AC066V2 SEMIKRON-SKIIP39AC066V2 Datasheet
875Kb / 2P
3-phase bridge inverter
SKIIP28AC066V1 SEMIKRON-SKIIP28AC066V1_06 Datasheet
1Mb / 4P
3-phase bridge inverter
SKIIP04AC066V1 SEMIKRON-SKIIP04AC066V1_06 Datasheet
1Mb / 4P
3-phase bridge inverter
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com