Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSW Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CSW
Description  COMPACT SINE WAVE ON THE GO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CSW Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CSW Datasheet HTML 1Page - Sensata Technologies, Inc. CSW Datasheet HTML 2Page - Sensata Technologies, Inc. CSW Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
CSW SERIES | INVERTER
COMPACT SINE WAVE ON THE GO
Features
• Compact and Lightweight – The CSW provides pure sine wave power
from a small footprint designed to fit in tight vehicle and marine
spaces. And it is lightweight, so won’t weigh you down.
• At-a-Glance Status – The inverter’s status can be determined at a
glance with the easy-to-read LED light.
• Digital Display* – The alphanumeric display shows the inverter’s
battery voltage, total AC output power, along with additional operation
codes. (*not available on the CSW412)
• USB Port – Power and charge your USB-enabled device with the
available USB port.
• GFCI AC Outlet – Plug in two pieces of equipment directly to the CSW
and know that the GFCI outlet will quickly stop the flow of electricity
should a ground fault occur. The outlet also comes with an LED
indicator and test/reset capability.
• Automatic Transfer Switch Option – The CSW2012-X automatically
switches between shore power and inverter/battery power.
Options
• Remote Switch – Use the optional CSW-RS remote switch for even
easier on/off access away from the inverter. The CSW-RS comes with
a 20’ cable.
• Transfer Switch – Use the optional 15 amp CSW-TS15 transfer switch
to automatically switch AC load connections between utility/generator
power and the AC output of the CSW1012 inverter.
Introduction
The CSW Series Inverter is a pure sine wave inverter designed to be powerful, yet simple to operate. The CSW will provide you with reliable AC
power for troublefree use.
Model Numbers
• CSW412
• CSW1012
• CSW2012
• CSW2012-X
Available For
• Emergency Medical Services
• Marine Systems
• Military Vehicles
• RV Systems
• Trucks
• Utility Vehicles
Available Accessories
• Remote Switch [CSW-RS]
• Transfer Switch [CSW-TS15]
Pure Sine Wave
12
400-
2000 VA
Battery Voltage Options
Continuous Output Options


Similar Part No. - CSW

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CSW CRYDOM-CSW Datasheet
659Kb / 7P
Panel Mount
logo
Sensata Technologies, I...
CSW-24 SENSATA-CSW-24 Datasheet
159Kb / 3P
24V SINE WAVE ON THE GO
Rev: 07/20/19
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD Datasheet
397Kb / 3P
0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch
CSW0118-BD MIMIX-CSW0118-BD Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
More results

Similar Description - CSW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
EZ-OTG??Programmable USB On-The-Go
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
USB 2.0 On-The-Go Controller
logo
List of Unclassifed Man...
MOTG-96 ETC2-MOTG-96 Datasheet
848Kb / 42P
Modules On The Go Series
MOTG-128 ETC2-MOTG-128 Datasheet
790Kb / 42P
Modules On The Go Series
logo
Kersemi Electronic Co.,...
BTA20-600B KERSEMI-BTA20-600B Datasheet
897Kb / 4P
RMS on-state current (full sine wave)
BTA20-600C KERSEMI-BTA20-600C Datasheet
892Kb / 4P
RMS on-state current (full sine wave)
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
RMS on-state current (full sine wave)
BTA20-700B KERSEMI-BTA20-700B Datasheet
897Kb / 4P
RMS on-state current (full sine wave)
logo
Maxim Integrated Produc...
MAXREFDES212 MAXIM-MAXREFDES212 Datasheet
661Kb / 4P
Ultra-Portable IO on the Go MEET Go-IO
logo
Kingston Technology Far...
DTXM KINGSTON-DTXM Datasheet
2Mb / 2P
Convenient on-the-go storage solution
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com