Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1008 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QPD1008
Description  125W, 50V, DC – 3.2 GHz, GaN RF Transistor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QPD1008 Datasheet HTML 15Page - Qorvo, Inc QPD1008 Datasheet HTML 16Page - Qorvo, Inc QPD1008 Datasheet HTML 17Page - Qorvo, Inc QPD1008 Datasheet HTML 18Page - Qorvo, Inc QPD1008 Datasheet HTML 19Page - Qorvo, Inc QPD1008 Datasheet HTML 20Page - Qorvo, Inc QPD1008 Datasheet HTML 21Page - Qorvo, Inc QPD1008 Datasheet HTML 22Page - Qorvo, Inc QPD1008 Datasheet HTML 23Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
QPD1008
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. E, May 2020 | Subject to change without notice
20 of 23
www.qorvo.com
1.1
– 1.5 GHz Application Circuit - Schematic
Bias-up Procedure
Bias-down Procedure
2. Set VG to -4 V.
3. Turn off RF signal.
4. Set ID current limit to 300 mA.
4. Turn off VD
5. Apply 50 V VD.
5. Wait 2 seconds to allow drain capacitor to discharge
6. Slowly adjust VG until ID is set to 260 mA.
7. Turn off VG
8. Set ID current limit to 0.6 A (Pulsed operation)
9. Apply RF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com