Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # AS2
Description  SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AS2 Datasheet(HTML) 1 Page - Zetex Semiconductors

  AS2 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
DARLINGTON TRANSISTOR
ISSUE 3 – JANUARY 1996
FEATURES
*
Fast Switching
*
High h
FE
PARTMAKING DETAIL —
AS2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Pea Pulse Current
ICM
1.5
A
Continuous Collector Current
IC
500
mA
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
60
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=10µA, IC=0
Emitter Cut-Off Current
IEBO
10
µA
VEB=8V, IE=0
Collector-Emitter
Cut-Off Current
ICES
10
µA
VCE=60V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.3
1.3
V
V
IC=500mA, IB=0.5mA
IC=500mA, IB=0.5mA
Tj=150°C
Base-Emitter
Saturation Voltage
VBE(sat)
1.9
V
IC=500mA, IB=0.5mA
Static Forward Current
Transfer Ratio
hFE
1K
2K
IC=150mA, VCE=10V*
IC=-500mA, VCE=-10V*
Turn On Time
ton
400 Typical
ns
IC=500mA
IBon=IBoff=0.5mA
Turn Off Time
toff
1.5K Typical
ns
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
For typical graphs see FMMT38A datasheet
BST51
C
C
B
E
SOT89
3 - 79


Similar Part No. - AS2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AS2-2P ALTECH-AS2-2P Datasheet
282Kb / 1P
30 mm Selector Switch Maintained & Momentary Metal Operator AS2-xP and AS2-2PSR
AS2-2PSR ALTECH-AS2-2PSR Datasheet
282Kb / 1P
30 mm Selector Switch Maintained & Momentary Metal Operator AS2-xP and AS2-2PSR
AS2-3P ALTECH-AS2-3P Datasheet
282Kb / 1P
30 mm Selector Switch Maintained & Momentary Metal Operator AS2-xP and AS2-2PSR
logo
Allied Components Inter...
AS20 ALLIED-AS20 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS20-100K-RC ALLIED-AS20-100K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX458 DIODES-FCX458 Datasheet
29Kb / 1P
SOT89 NPN SILICON PLANAR
OCTOBER 1995
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BCV49 DIODES-BCV49_15 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BST52 DIODES-BST52_15 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
Rev 4
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
BST52 DIODES-BST52 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
December 2011 Rev. 4 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com