| Electronic Components Datasheet Search |
|
PDIUSBH12 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDIUSBH12 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 28 page ![]() Philips Semiconductors Product specification PDIUSBH12 USB 2-port hub 1999 Jul 22 13 Data Flow Commands Data flow commands are used to manage the data transmission between the USB endpoints and the monitor. Much of the data flow is initiated via an interrupt to the microcontroller. The microcontroller utilizes these commands to access and determine whether the endpoint FIFOs have valid data. Read Interrupt Register Command : F4h Data : Read 2 bytes Interrupt Register Byte 1 SV00844 POWER ON VALUE ENDPOINT INDEX 4 ENDPOINT INDEX 5 ENDPOINT INDEX 6 ENDPOINT INDEX 7 76 5 4 3 2 0 1 0 0 00 00 00 ENDPOINT INDEX 1 (HUB CONTROL IN) ENDPOINT INDEX 2 ENDPOINT INDEX 3 ENDPOINT INDEX 0 (HUB CONTROL OUT) Interrupt Register Byte 2 SV00845 POWER ON VALUE ENDPOINT INDEX 12 ENDPOINT INDEX 13 BUS RESET RESERVED 76 5 4 3 2 0 1 0 0 00 00 X0 ENDPOINT INDEX 9 ENDPOINT INDEX 10 ENDPOINT INDEX 11 ENDPOINT INDEX 8 This command indicates the origin of an interrupt. A ‘1’ indicates an interrupt occurred at this endpoint. The bits are cleared by reading the endpoint status register through Read Endpoint Status command. After a bus reset an interrupt will be generated and bit 6 of the Interrupt Register Byte 2 will be ‘1’. [In the PDIUSBH11, the bus reset event is indicated by the absence of a ‘1’ in any bit of the Interrupt Register. Note that the backward compatibility is still maintained because in the PDIUSBH11, the Interrupt Register Byte 2 does not exist.] The bus reset interrupt is internally cleared by reading the interrupt register. A bus reset is completely identical to the hardware reset through the RESET_N pin with the sole difference of interrupt notification. The hub interrupt endpoint is handled internally by the PDIUSBH12 hardware without the need of microcontroller intervention. Select Endpoint Command : 00-0Dh Data : Optional Read 1 byte The Select Endpoint command initializes an internal pointer to the start of the Selected buffer. Optionally, this command can be followed by a data read, which returns ‘0’ if the buffer is empty and ‘1’ if the buffer is full. 76 5 4 3 2 X 1 0 0 POWER ON VALUE FULL/EMPTY RESERVED XX XX XX SV00831 Full/Empty A ‘1’ indicates the buffer is full, ‘0’ indicates an empty buffer. Read Last Transaction Status Command : 40–4Dh Data : Read 1 byte The Read Last Transaction Status command is followed by one data read that returns the status of the last transaction of the endpoint. This command also resets the corresponding interrupt flag in the interrupt register, and clears the status, indicating that it was read. This command is useful for debugging purposes. Since it keeps track of every transaction, the status information is overwritten for each new transaction. POWER ON VALUE DATA RECEIVE/TRANSMIT SUCCESS ERROR CODE (SEE TABLE) SETUP PACKET DATA 0/1 PACKET PREVIOUS STATUS NOT READ 76 5 4 3 2 0 1 0 0 00 00 00 SV00832 Data Receive/Transmit Success A ‘1’ indicates data has been received or transmitted successfully. Error Code See Table 3, Error Codes. Setup Packet A ‘1’ indicates the last successful received packet had a SETUP token (this will always read ‘0’ for IN buffers. Data 0/1 Packet A ‘1’ indicates the last successful received or sent packet had a DATA1 PID. Previous Status not Read A ‘1’ indicates a second event occurred before the previous status was read. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |