Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBH12D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDIUSBH12D
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12D Datasheet(HTML) 3 Page - NXP Semiconductors

  PDIUSBH12D Datasheet HTML 1Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 2Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 3Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 4Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 5Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 6Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
3
BLOCK DIAGRAM
ANALOG
TX/RX
GOODLINK
CONTROL
ANALOG
TX/RX
GENERAL
PORT
CONTROLLER
HUB
REPEATER
END OF
FRAME
TIMERS
ANALOG
TX/RX
PHILIPS
SIE
INTEGRATED
RAM
BIT CLOCK
RECOVERY
MEMORY
MANAGEMENT
UNIT
I2C
SLAVE
INTERFACE
12 MHz
FULL SPEED
INTERRUPT
SDA
SCL
LED
D–
D+
LED
D–
D+
DOWNSTREAM
PORT 2
DOWNSTREAM
PORT 3
D+
D–
UPSTREAM
PORT
GOODLINK
CONTROL
GOODLINK
NO
CONNECTION
CONNECTED
DATA
TRANSFER
NO LIGHT
LIT
BLINKING
PLL
SV00852
SoftConnect
D+
3.3V
1.5k
NOTE:
1. This is a conceptual block diagram and does not include each individual signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com