Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIUSBP11 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDIUSBP11
Description  Universal Serial Bus transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBP11 Datasheet(HTML) 2 Page - NXP Semiconductors

  PDIUSBP11 Datasheet HTML 1Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 2Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 3Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 4Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 5Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 6Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 7Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 8Page - NXP Semiconductors PDIUSBP11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Preliminary specification
PDIUSBP11
Universal Serial Bus transceiver
2
1997 Sep 16
853-1836 18389
FEATURES
• Utilizes digital inputs and outputs to transmit and receive USB
cable data
• Supports 12Mbit/s “Full Speed” and 1.5Mbit/s “Low Speed” serial
data transmission
• Compatible with the VHDL “Serial Interface Engine” from USB
developer’s conference
• Available in SO, 14 pin package
• Hysteresis on D+, D–, V
MO inputs
DESCRIPTION
The PDIUSBP11 is a one chip generic USB transceiver. It is
designed to allow 5.0V or 3.3V programmable and standard logic to
interface with the physical layer of the Universal Serial Bus. It is
capable of transmitting and receiving serial data at both full speed
(12Mbit/s) and low speed (1.5Mbit/s) data rates. The outputs from
the serial interface engine (inputs VPO and VMO on the
PDIUSBP11) are driven by the host. The gated inputs (outputs VP
and VM on the PDIUSBP11) are to be decoded by the host.
Implementation of the Serial Interface Engine along with the USB
transceiver allow the designer to make flexible USB compatible
devices with widely available logic components.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-pin plastic SO
0
°C to +70°C
PDIUSBP11 D
PDIUSBP11 D
SOT108-1
14-pin plastic SSOP
0
°C to +70°C
PDIUSBP11 DB
PDIUSBP11 DB
SOT337-1
14-pin plastic TSSOP
0
°C to +70°C
PDIUSBP11 PW
PDUSBP11 PW DH
SOT402-1
PIN CONFIGURATION
8
1
2
3
4
5
6
7
9
10
11
12
13
14
NC
OE#
RCV
VP
VM
SUSPND
GND
NC
SPEED
D–
D
)
VPO
VMO
VCC
SV00142
FUNCTIONAL DIAGRAM
D–
D+
+
–
OE#
SPEED
VMO
VPO
RCV
VP
VM
SV00143
PIN DESCRIPTION
PIN
No.
PIN
SYMBOL
I/O
NAME AND FUNCTION
3
RCV
O
Receive data. CMOS level output for
USB differential input
2
OE#
I
Output Enable. Active LOW, enables
the transceiver to transmit data on
the bus. When not active the
transceiver is in receive mode
Inputs to differential driver. (Outputs
from SIE).
VPO
VMO
RESULT
12, 13
VPO,
VMO
I
0
0
SE0
,
VMO
0
1
Logic “0”
1
0
Logic “1”
1
1
Undefined
Gated version of D– and D+. Outputs
are logic “0” and logic “1”. Used to
detect single ended zero (SE0#),
error conditions, and interconnect
speed. (Inputs to SIE).
4, 5
VP, VM
O
VP
VM
RESULT
0
0
SE0
0
1
Low Speed
1
0
Full Speed
1
1
Error
11, 10
D+, D–
I/O
Data+, Data–. Differential data bus
conforming to the Universal Serial
Bus standard.
6
SUSPND
I
Suspend. Enables a low power state
while the USB bus is inactive. While
the suspnd pin is active it will drive
the RCV pin to a logic “0” state.
9
SPEED
I
Edge rate control. Logic “1” operates
at edge rates for “full speed”. Logic
“0” operates edge rates for “low
speed”.
14
VCC
3.0V to 3.6V power supply
7
GND
Ground reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com