Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MMA
Description  INVERTER/CHARGER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MMA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MMA Datasheet HTML 1Page - Sensata Technologies, Inc. MMA Datasheet HTML 2Page - Sensata Technologies, Inc. MMA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
MMA1212
INVERTER SPECIFICATIONS
Input battery voltage
9 to 16 VDC
Nominal AC output voltage
120 VAC ± 5%
Output frequency and accuracy
60 Hz ± 0.1 Hz
1 msec surge current (amps AC)
42
100 msec surge current (amps AC)
23
5 sec surge power (real watts)
2100
30 sec surge power (real watts)
1750
5 min surge power (real watts)
1450
30 min surge power (real watts)
1375
Continuous power output at 45° C
1200 VA
Maximum continuous input current
160 ADC
Inverter efficiency (peak)
95%
Transfer time (typical)
16 msecs
Search mode (typical)
5 watts (with no remote)
No load (120 VAC output, typical)
18 watts (with no remote)
Waveform
Modified Sine Wave
CHARGER SPECIFICATIONS
Continuous output at 45° C
70 ADC
Charger efficiency (peak)
88%
Power factor
> 0.95
Input current at rated output (AC amps)
9
GENERAL FEATURES AND CAPABILITIES
Transfer relay capability
20 AAC (input current for charging and pass through)
Battery temperature compensation
Yes, with ME-BTS
Internal cooling
0 to 59 cfm variable speed
Overcurrent protection
Yes, with two overlapping circuits
Overtemperature protection
Yes, on transformer and MOSFETS
On/Off with status indicator
Yes, front mounted and easily accessible
Low battery cutout
10 VDC, adjustable with the ME-RC or ME-ARC remote
AC output
15 amp GFCI outlet
AC input
3 ft AC cord
Output circuit breaker
15 AAC
Input circuit breaker
15 AAC
Listings
ETL Listed to UL/cUL458, CSA C22.2 #107.1-01
Warranty
Two years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com