Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC3 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # BAC3
Description  Isolated 3W Regulated Single Output AC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BAC3 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

Back Button BAC3 Datasheet HTML 2Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 3Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 4Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 5Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 6Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 7Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 8Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 9Page - Murata Power Solutions Inc. BAC3 Datasheet HTML 10Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BAC3 Series
Isolated 3W Regulated Single Output AC/DC Converters
KAC_BAC3C.B01 Page 6 of 10
www.murata.com
EFFIECIENCY VS LOAD
BAC3S05DC
BAC3S12DC
BAC3S24DC
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
85V
115V
230V
264V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
85V
115V
230V
264V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
85V
115V
230V
264V
APPLICATION NOTES (Continued)
Minimum Load
The minimum load to meet full datasheet specification is 10% of the full rated load across the specified input voltage range.
Reconditioning
This series contains electrolytic capacitors, which require reconditioning if the product is stored non-powered for more than 2 years from the date of manufacture. To recondi-
tion the capacitors, an AC input voltage should be applied with output loading for 10 minutes. For further information please contact Murata.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com