Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # 053
Description  SOT89 NPN medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

053 Datasheet(HTML) 2 Page - Zetex Semiconductors

  053 Datasheet HTML 1Page - Zetex Semiconductors 053 Datasheet HTML 2Page - Zetex Semiconductors 053 Datasheet HTML 3Page - Zetex Semiconductors 053 Datasheet HTML 4Page - Zetex Semiconductors 053 Datasheet HTML 5Page - Zetex Semiconductors 053 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FCX1053A
Issue 2 - July 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
Parameter
Symbol
Value
Unit
Collector-base voltage
VCBO
150
V
Collector-emitter voltage
VCEO
75
V
Emitter-base voltage
VEBO
5V
Continuous collector current(a)
IC
3A
Peak pulse current
ICM
10
A
Power dissipation at Tamb = 25°C
(a)
PD
1.6
W
Linear derating factor
13
mW/°C
Power dissipation at Tamb = 25°C
(b)
PD
2.0
W
Linear derating factor
16
mW/°C
Operating and storage temperature range
Tj;Tstg
-55 to +150
°C
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient(a)
R JA
72
°C/W
Junction to ambient(b)
R JA
62
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com