Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT5087 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT5087
Description  SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT5087 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT5087 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR
SMALL SIGNAL TRANSISTOR
PARTMARKING DETAIL -
FMMT5087 - 2m
FMMT5087R - 3m
COMPLEMENTARY TYPE -
FMMT5088
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-3
V
Continuous Collector Current
IC
-100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Cut-Off Current
ICBO
-10
-50
nA
µ
A
VCB=-10V, IE=0
VCB=-35V, IE=0
Emitter-Base Current IEBO
-50
nA
VEB=-3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-300 mV
IC=-10mA, IB=-1mA
Base-Emitter
ON Voltage
VBE(on)
-850 mV
IC=-1mA, VCE=-5V
Static Forward
Current Transfer
Ratio
hFE
250
250
250
800
IC=-100µA, VCE=-5V
IC=-1mA, VCE=-5V
IC=-10mA, VCE=-5V*
Transition
Frequency
fT
40
MHz
IC=-500µA, VCE=-5V f=20MHz
Small Signal Current
Transfer Ratio
hfe
250
900
IC=-1mA, VCE=-5V f=1KHz
Noise Figure
N
2
dB
IC=200µA, VCE=-5V, Rg=2KΩ
f=30Hz to 15KHz at 2dB
points
Output Capacitance
Cobo
4pF
VCB=-5V, f=140MHz, IE=0
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FMMT5087
C
B
E


Similar Part No. - FMMT5087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT5087 ETC-FMMT5087 Datasheet
26Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5087 KEXIN-FMMT5087 Datasheet
34Kb / 1P
Small Signal Transistor
More results

Similar Description - FMMT5087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT5087 ETC-FMMT5087 Datasheet
26Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT2484 ETC-FMMT2484 Datasheet
28Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BCX70 ZETEX-BCX70 Datasheet
65Kb / 2P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMTA20 ZETEX-FMMTA20 Datasheet
35Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMTA70 ZETEX-FMMTA70 Datasheet
28Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
BCW89 ZETEX-BCW89 Datasheet
163Kb / 2P
SOT23 PNP PLANAR SMALL SIGNAL TRANSISTORS
BCX71 ZETEX-BCX71 Datasheet
204Kb / 2P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMT2484 ZETEX-FMMT2484 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
BCW61 DIODES-BCW61 Datasheet
43Kb / 2P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
FEBRUARY 1995
logo
Zetex Semiconductors
BCW29 ZETEX-BCW29 Datasheet
32Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com