Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1243521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1243521
Description  CA-17P1N12T006SX - Cable connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1243521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1243521 Datasheet HTML 1Page - PHOENIX CONTACT 1243521 Datasheet HTML 2Page - PHOENIX CONTACT 1243521 Datasheet HTML 3Page - PHOENIX CONTACT 1243521 Datasheet HTML 4Page - PHOENIX CONTACT 1243521 Datasheet HTML 5Page - PHOENIX CONTACT 1243521 Datasheet HTML 6Page - PHOENIX CONTACT 1243521 Datasheet HTML 7Page - PHOENIX CONTACT 1243521 Datasheet HTML 8Page - PHOENIX CONTACT 1243521 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Cable connector, series: CA, angled, shielded: yes, SPEEDCON, No. of pos.: 17, Direction
of rotation: Standard, contact connection type: Pin, Solder connection, cable diameter range: 4
mm ... 6 mm, coding: N, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb 
< 0.1 %)
Your advantages
Angled cable outlet for confined spaces
•
Can be adapted to various applications, thanks to adjustable cable outlet direction
•
Safe use in the field, thanks to high degree of protection
•
Connector for flexible on-site assembly
•
Consistent EMC protection for reliable transmission of signals
•
Reduced connection time with SPEEDCON fast locking system
•
Solder connection: proven connection technology for various litz wires
•
Commercial data
Item number
1243521
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRAED
GTIN
4063151400767
Weight per piece (including packing)
148.072 g
Weight per piece (excluding packing)
148.072 g
Country of origin
DE
CA-17P1N12T006SX - Cable connector
1243521
https://www.phoenixcontact.com/us/products/1243521
Mar 12, 2024, 5:38 AM
Page 1 (10)


Similar Part No. - 1243521

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
124352-HMC860LP3E APEX-124352-HMC860LP3E Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
PHOENIX CONTACT
1243520 PHOENIX-1243520 Datasheet
399Kb / 13P
CA-17S1N8AT006SX - Cable connector
1243523 PHOENIX-1243523 Datasheet
348Kb / 11P
CA-16P1N8AT006SX - Cable connector
1243525 PHOENIX-1243525 Datasheet
366Kb / 10P
CA-16P1N12T006SX - Cable connector
1243526 PHOENIX-1243526 Datasheet
315Kb / 10P
CA-16S1N12T006SX - Cable connector
More results

Similar Description - 1243521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com