Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6425 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ADS6425
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 48Page - STMicroelectronics ADS6425 Datasheet HTML 49Page - STMicroelectronics ADS6425 Datasheet HTML 50Page - STMicroelectronics ADS6425 Datasheet HTML 51Page - STMicroelectronics ADS6425 Datasheet HTML 52Page - STMicroelectronics ADS6425 Datasheet HTML 53Page - STMicroelectronics ADS6425 Datasheet HTML 54Page - STMicroelectronics ADS6425 Datasheet HTML 55Page - STMicroelectronics ADS6425 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
www.ti.com
COARSE GAIN AND PROGRAMMABLE FINE GAIN
CLOCK INPUT
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
APPLICATION INFORMATION (continued)
ADS644X includes gain settings that can be used to get improved SFDR performance (compared to 0 dB gain
mode). The gain settings are 3.5 dB coarse gain and programmable fine gain from 0 dB to 6 dB. For each gain
setting, the analog input full-scale range scales proportionally, as listed in Table 21.
The coarse gain is a fixed setting of 3.5 dB and is designed to improve SFDR with little degradation in SNR (as
seen in Figure 10 and Figure 11). The fine gain is programmable in 1 dB steps from 0 to 6 dB. With fine gain
also, SFDR improvement is achieved, but at the expense of SNR (there is about 1dB SNR degradation for every
1dB of fine gain).
So, the fine gain can be used to trade-off between SFDR and SNR. The coarse gain makes it possible to get
best SFDR but without losing SNR significantly. At high input frequencies, the gains are especially useful as the
SFDR improvement is significant with marginal degradation in SINAD.
The gains can be programmed using the register bits <COARSE GAIN> (refer to Table 18) and <FINE GAIN>
(refer to Table 17). Note that the default gain after reset is 0 dB.
Table 21. Full-Scale Range Across Gains
GAIN, dB
TYPE
FULL-SCALE, VPP
0
Default (after reset)
2
3.5
Coarse setting (fixed)
1.34
1
1.78
2
1.59
3
1.42
Fine setting (programmable)
4
1.26
5
1.12
6
1.00
The ADS644X clock inputs can be driven differentially (SINE, LVPECL or LVDS) or single-ended (LVCMOS),
with little or no difference in performance between them. The common-mode voltage of the clock inputs is set to
VCM using internal 5-k
Ω resistors as shown in Figure 89. This allows using transformer-coupled drive circuits for
sine wave clock or ac-coupling for LVPECL, LVDS clock sources (see Figure 90 and Figure 92).
52
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com