Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6424 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ADS6424
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6424 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ADS6424 Datasheet HTML 60Page - STMicroelectronics ADS6424 Datasheet HTML 61Page - STMicroelectronics ADS6424 Datasheet HTML 62Page - STMicroelectronics ADS6424 Datasheet HTML 63Page - STMicroelectronics ADS6424 Datasheet HTML 64Page - STMicroelectronics ADS6424 Datasheet HTML 65Page - STMicroelectronics ADS6424 Datasheet HTML 66Page - STMicroelectronics ADS6424 Datasheet HTML 67Page - STMicroelectronics ADS6424 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
www.ti.com
CAPTURE TEST PATTERNS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
ADS644X outputs the bit clock (DCLK), positioned nearly at the center of the data transitions. It is recommended
to route the bit clock, frame clock and output data lines with minimum relative skew on the PCB. This ensures
sufficient setup/hold times for a reliable capture by the receiver.
The DESKEW is a 1010... or 0101... pattern output on the serial data lines that can be used to verify if the
receiver capture clock edge is positioned correctly. This may be useful in case there is some skew between
DCLK and serial data inside the receiver. Once deserialized, it is required to ensure that the parallel data is
aligned to the frame boundary. The SYNC test pattern can be used for this. For example, in the 1-wire interface,
the SYNC pattern is 7 '1's followed by 7 '0's (from MSB to LSB). This information can be used by the receiver
logic to shift the deserialized data till it matches the SYNC pattern.
In addition to DESKEW and SYNC, the ADS644X includes other test patterns to verify correctness of the
capture by the receiver such as all zeros, all ones and toggle. These patterns are output on all four channel data
lines simultaneously. Some patterns like custom and sync are affected by the type of interface selected,
serialization and bit order.
Table 25. Test Patterns
PATTERN
DESCRIPTION
All zeros
Outputs logic low.
All ones
Outputs logic high.
Outputs toggle pattern - <D13-D0> alternates between 10101010101010 and
Toggle
01010101010101 every clock cycle.
Outputs a 14-bit custom pattern. The 14-bit custom pattern can be specified into two
Custom
serial interface registers. In the 2-wire interface, each code is sent over the 2 wires
depending on the serialization and bit order.
Sync
Outputs a sync pattern.
Outputs deskew pattern. Either <D13-D0> = 10101010101010 or <D11-D0> =
Deskew
01010101010101 every clock cycle.
Table 26. SYNC Pattern
INTERFACE
SERIALIZATION
SYNC PATTERN ON EACH WIRE
OPTION
14 X
MSB-11111110000000-LSB
1-Wire
16 X
MSB-111111111000000000-LSB
14 X
MSB-1111000-LSB
2-Wire
16 X
MSB-11110000-LSB
64
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com