Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0212 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 0212
Description  2-way solenoid valve, direct acting, normally closed (Circuit function A) or normally open (Circuit function B).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0212 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  0212 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0212 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Instructions
Wiring Diagram
Electrical Connection Type 2509
Electrical Connection:
Ensure supply voltage/frequency corresponds with that on label.
Voltage tolerance is ± 10 %.
Available Electrical Connections see “Marking”.
Wiring diagram see above.
For this product to be considered UL-listed and CSA approved
for General Purpose and FM approved for Hazardous Locations
Division 2, it must be in conjunction with the type 2509 cable plug
connector (Electrically Operated Valves Parts, YSYI2).
The connector and gasket must be assembled to the valve with the
screw provided after the connection of the wire leads. This valve
and connector assembly is delivered together and is to be used as
one unit.
For valves to be used in Intrinsically Safe Applications the positive
pole is identified by a “+” on the pin or wire No. 1 has to be con-
nected to the “+”.
See Control Drawing for the Rules of Interconnection.
Warning:
All valves to be used in Intrinsically Safe Applications must be
clearly marked as Intrinsically Safe Apparatus.
Trouble-Shooting:
Check port connections, minimum operating pressure differential
if required and supply voltage. Ensure pilot hole in piston is clear
and pilot bore in the valve outlet is not abstracted. If core does not
pull in, check for short circuit, coil burn-out or foreign matter im-
peding core movement. A jammed or missing core causes the coil
to overheat in the case of AC supply.
Warning:
These products are designed to operate in a wide variety of ap-
plications, it is the user’s responsibility to select a model that is
appropriate for the application. This product is designed to be
installed only by suitably qualified and trained personnel.
Specifications should not be exceeded under any circumstances.
The torque for the terminal screw on type 2509 is 0,5 Nm
(4,4 lbf-in.).
Changes made to this product will render any applicable warranty
null and avoid.
Specifications subject to change without notice.
Any questions? Please call Bürkert Contromatic Technical Service
at (949) 223 31 00.
Power*
Power*
Ground (green dot)
* Orientation is not important
Germany
Contact address:
Bürkert Fluid Control Systems
Sales Center
Chr.-Bürkert-Str. 13-17
D-74653 Ingelfingen
Tel. + 49 (0) 7940 - 10 91 111
Fax + 49 (0) 7940 - 10 91 448
E-mail: info@de.buerkert.com
International
Contact addresses can be found on the Internet at:
www.burkert.com
Bürkert
Company
Locations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com