Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6440 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 6440
Description  Servo-assisted 2/2-way piston valve
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6440 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 6440 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6440 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Type 6440
20 | 21
Visit product website 
8.5. Ordering chart of mobile applications with automotive plug (IP6K9K coil)
Note:
• Power must be reduced to 25 % of the nominal power (holding phase) with the aid of current control or PWM signal after
max. 500 ms (switch-on pulse).
• Further versions with alternative voltages, NPT or RC internal threads are available on request.
Circuit function
Port
connection
Orifice K
V value
water
Coil
power 1.)
Pressure range
(MAWP 2.))
Coil size
Article no.
Ambient temper-
ature 85 °C 3.)
012/DC
024/DC
[mm]
[m3/h]
[W]
[bar]
[mm]
[V/Hz]
[V/Hz]
Stainless steel body, seal material EPDM/EPDM
CF A
2/2-way solenoid valve
Servo-controlled
Normally closed
2 (A)
1 (P)
Threaded connection with G internal thread
G ¼
6.0
0.6
14
0…30
40
o. r.
20028364 
G ¼
6.0
0.6
16
0…35
40
20030083 
o. r.
G ⅜
6.0
0.6
14
0…30
40
o. r.
o. r.
G ⅜
6.0
0.6
16
0…35
40
20056555 
o. r.
G ½
12.0
2.2
21
0…16
42
o. r.
20069635 
G ½
12.0
2.2
32
0…35
42
20056552 
o. r.
Cartridge body
FC16
6.0
0.6
14
0…30
40
o. r.
20028366 
6.0
0.6
16
0…35
40
20064143 
o. r.
8.0
1.1
14
0…30
40
o. r.
o. r.
8.0
1.1
16
0…35
40
20064149 
20066111 
FC17
12.0
2.3
21
0…16
42
o. r.
o. r.
12.0
2.3
32
0…30
42
20056554 
o. r.
Flange body
FK14
6.0
0.6
14
0…30
40
o. r.
20028365 
6.0
0.6
16
0…35
40
20039221 
o. r.
8.0
0.8
14
0…30
40
o. r.
o. r.
8.0
0.8
16
0…35
40
o. r.
o. r.
FK17
12.0
2.4
21
0…16
42
o. r.
20050001 
12.0
2.4
32
0…35
42
o. r.
o. r.
o. r. = on request
1.) The stated power represents the required power of the pick-up phase. Power must be reduced by min. 75 % by means of current control or PWM signal after
max. 500 ms (switch-on pulse) (holding phase).
2.) Maximum allowable working pressure
3.) Use at this ambient temperature is only guaranteed if power is reduced to 25 % of the nominal power by means of current control or PWM signal after max. 500 ms (switch-on pulse).
8.6. Ordering chart accessories
Cable plug Type 2518, form A according to DIN EN 175301 - 803
Note:
• Dimensions in mm
• For further versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35,7
3,5
1,5
29,2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 
With LED (AC/DC)
12…24 V AC/DC
314812 
With LED and varistor
(AC/DC)
12…24 V AC/DC
314820 
With rectifier, LED and varistor
12…24 V AC/DC
314816 
Without circuitry (AC/DC)
with silicone seal for higher
ambient temperature, e.g.
steam version (NA07)
0…250 V AC/DC
361687 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com