Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53TP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 53TP
Description  PANEL MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

53TP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  53TP Datasheet HTML 1Page - Sensata Technologies, Inc. 53TP Datasheet HTML 2Page - Sensata Technologies, Inc. 53TP Datasheet HTML 3Page - Sensata Technologies, Inc. 53TP Datasheet HTML 4Page - Sensata Technologies, Inc. 53TP Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2020 Sensata Technologies, Inc.
Description
D53
A53
Control Voltage Range
4-32 VDC
90-280 Vrms
Minimum Turn-On Voltage
4.0 VDC
90 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
Minimum Input Current (for on-state)
19 mA @ 4V
2.2 mA @ 120V
Maximum Input Current
25 mA @ 32V
10mA @ 240V
Nominal Input Impedance
Current Limiter
Current Limiter
Maximum Turn-On Time [msec] 5
1/2 Cycle
50
Maximum Turn-Off Time [msec]
1/2 Cycle
50
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40ºC to 80ºC
Ambient Storage Temperature Range
-40ºC to 125ºC
Weight (typical)
10.3 oz (315g)
Encapsulation
Thermally conductive Epoxy
Terminals
Nickel plated Brass
Screws and Saddle clamps
Zinc plated Steel
Input Terminal Screw Torque Range:[in lbs/Nm]
8-10 / 0.9-1.1
Output Terminal Screw Torque Range:[in lbs/Nm]
15-20 / 1.7-2.2
THERMAL DERATE INFORMATION
D53TP50D, D53TP50D
60
80
40
20
0
Load Currect [Arms] Max Ambient T
emp. [
°C]
105
100
110
120
115
A53TP25D, D53TP25D
1.5°C/W
1°C/W
0.5°C/W
120
180
150
60
90
30
10
20
30
40
50
20
40
60
80
0
Load Currect [Arms] Max Ambient T
emp. [
°C]
120
115
110
105
100
95
90
.25°C/W
.5°C/W
1°C/W
1.5°C/W
5
10
15
20
25
40 60
80
20
Input (1)
General (1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com