Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASO Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # ASO
Description  PCB MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ASO Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  ASO Datasheet HTML 1Page - Sensata Technologies, Inc. ASO Datasheet HTML 2Page - Sensata Technologies, Inc. ASO Datasheet HTML 3Page - Sensata Technologies, Inc. ASO Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
Description
Parameters
Control Voltage Range
4-10 VDC
Must Turn On Voltage
4.0 VDC
Must Turn Off Voltage
1.0 VDC
Typical Input Current @ 5 VDC
15 mAdc
Nominal Input Impedance
300 Ohm
Maximum Turn-On Time [msec]
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz) 2
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC) 2
109 Ohms
Maximum Capacitance, Input/Output
8.0 pF
Ambient Operating Temperature Range
-30ºC to 80ºC
Ambient Storage Temperature Range
-30ºC to 125ºC
Weight (typical)
0.07 oz. (1.9g)
Encapsulation
Thermally Conductive Epoxy
WIRING DIAGRAM
LOAD CAN BE WIRED IN POSITION A or B
A
B
TRIGGER
CIRCUIT
AC
AC
3
4
2
1
Input (1)
General (1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com