Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D06D080 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # D06D080
Description  DC OUTPUT PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

D06D080 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  D06D080 Datasheet HTML 1Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 2Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 3Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 4Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 5Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 6Page - Sensata Technologies, Inc. D06D080 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
Input Specifications (2)
General Specifications (2)
Description
DC Control
Control Voltage Range
3.5-32 VDC
Maximum Reverse Voltage
-32 VDC
Minimum Turn-On Voltage (6)
3.5 VDC
Must Turn-Off Voltage
1 VDC
Minimum Input Current (For On-State)
10 mA
Maximum Input Current
15 mA
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [
µsec]
100
Maximum Turn-Off Time [
µsec]
150
Description
Parameters
Dielectric Strength, Input/Output/Base
(50/60Hz) (2)
3750 Vrms
Minimum Insulation Resistance
(@500 VDC) (2)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range (7)
-40 to 100°C
Ambient Storage Temperature Range
-40 to 125°C
Weight (typical)
2.66 oz. (75.5 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range
(in-lb/NM)
13-15 / 1.5-1.7
Load Terminal Screw Torque Range
(in-lb/NM)
18-20 / 2-2.2
SSR Mounting Screw Torque Range
(in-lb/Nm)
18-20 / 2-2.2
Input/Load Terminal Screw Torque Range
(in-lb/NM) (1)
w/”K” Option 8-10 / 0.9-1.13
Input/Load Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC
Humidity per IEC60068-2-78
93% non-condensing
MTBF (Mean Time Between Failures)
at 40°C Ambient Temperature (8)
21,395,130 hours (2,441 years)
MTBF (Mean Time Between Failures)
at 60°C Ambient Temperature (8)
11,545,504 hours (1,317 years)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com