Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 201
Description  2/2-Way Miniature Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

201 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  201 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Chart (Other Versions on Request)
Circuit
Orifice
Flow Rate
Port
Pressure
Body
Seal
Weight
Voltage/
Order-No.
Function
Water
Air 1)
Connection
Range
Material
Material
Frequency
DN
Kv-Value
QNn
[mm]
[m3/h]
[l/min]
[bar]
[kg]
[V/Hz]
A
1,2
0,045
48
Sub-base
0-12
Brass
NBR
0,09
012/=
050 850 K
0-21
Brass
NBR
0,09
024/50
051 473 S
0-12
Brass
NBR
0,09
024/=
048 746 Q
0-21
Brass
NBR
0,09
110/50
059 928 A
0-21
Brass
NBR
0,09
230/50
047 967 V
0-21
Brass
NBR
0,09
240/50
024 355 Y
0-12
Stainless
FPM
0,09
024/=
043 318 E 3)
1,6
0,06
65
Sub-base
0-12
Brass
NBR
0,09
024/50
049 843 B
0- 6
Brass
NBR
0,09
024/=
045 328 A
0-12
Brass
NBR
0,09
110/50
045 116 N
0-12
Brass
NBR
0,09
230/50
044 670 L
0-12
Brass
NBR
0,09
240/50
046 134 R
0- 6
Stainless
FPM
0,09
024/=
024 516 A 3)
2,0
0,11
120
Sub-base
0- 8
Brass
NBR
0,09
024/50
050 033 X
0- 4,5
Brass
NBR
0,09
024/=
057 943 X
0- 0,8
Brass
NBR
0,09
024/=
021 669 G 4)
0- 8
Brass
NBR
0,09
110/50
066 519 X
0- 8
Brass
NBR
0,09
230/50
043 465 S
0- 8
Brass
NBR
0,09
240/50
066 532 L
0- 4,5
Stainless
FPM
0,09
024/=
020 927 N
2,4
0,13
140
Sub-base
0- 6
Brass
NBR
0,09
024/50
053 060 D
0- 3
Brass
NBR
0,09
024/=
049 145 F
0- 6
Brass
NBR
0,09
110/50
024 356 Z
0- 6
Brass
NBR
0,09
230/50
053 095 M
0- 6
Brass
NBR
0,09
240/50
024 375 U
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C,
2) also suitable for vacuum, 3) for analysis, 4) 2 W power consumption.
In case of special requirements
We reserve the right to make technical
710-GB/ 2-0084
please consult for advice.
changes without notice.
Type 201
2/2-Way Miniature Solenoid Valve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com