Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5162DDVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5162DDVR
Description  2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5162DDVR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5162DDVR Datasheet HTML 1Page - Texas Instruments TAS5162DDVR Datasheet HTML 2Page - Texas Instruments TAS5162DDVR Datasheet HTML 3Page - Texas Instruments TAS5162DDVR Datasheet HTML 4Page - Texas Instruments TAS5162DDVR Datasheet HTML 5Page - Texas Instruments TAS5162DDVR Datasheet HTML 6Page - Texas Instruments TAS5162DDVR Datasheet HTML 7Page - Texas Instruments TAS5162DDVR Datasheet HTML 8Page - Texas Instruments TAS5162DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TM
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
0
220
20
40
60
80
100
120
140
160
180
200
0
50
5
10
15
20
25
30
35
40
45
PV
-SupplyVoltage(BTL)-Vrms
DD
4 W
6 W
T =75°C
C
8 W
TAS5162
SLES194C – OCTOBER 2006 – REVISED MAY 2007
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
This system only requires a simple passive LC
demodulation
filter
to
deliver
high-quality,
• 2×160 W at 10% THD+N Into 8-Ω BTL
high-efficiency audio amplification with proven EMI
• 2×210 W at 10% THD+N Into 6-Ω BTL
compliance.
This
device
requires
two
power
supplies, at 12 V for GVDD and VDD, and at 50V for
• 1×300 W at 10% THD+N Into 4-Ω PBTL (1)
PVDD. The TAS5162 does not require power-up
• >110 dB SNR (A-Weighted, TAS5518
sequencing due to internal power-on reset. The
Modulator)
efficiency of this digital amplifier is greater than 90%
• <0.09% THD+N at 1 W
into 6
Ω, which enables the use of smaller power
supplies and heatsinks.
• Two Thermally Enhanced Package Options:
–
DKD (36-pin PSOP3)
The TAS5162 has an innovative protection system
integrated on-chip, safeguarding the device against a
–
DDV (44-pin HTSSOP)
wide range of fault conditions that could damage the
• High-Efficiency Power Stage (>90%) With
system.
These
safeguards
are
short-circuit
80-m
Ω Output MOSFETs
protection,
overcurrent
protection,
undervoltage
• Power-On Reset for Protection on Power Up
protection, and overtemperature protection. The
Without Any Power-Supply Sequencing
TAS5162 has a new proprietary current-limiting
circuit that reduces the possibility of device shutdown
• Integrated Self-Protection Circuits Including
during
high-level
music
transients.
A
new
Undervoltage, Overtemperature, Overload,
programmable overcurrent detector allows the use of
Short Circuit
lower-cost inductors in the demodulation output filter.
• Error Reporting
BTL OUTPUT POWER vs SUPPLY VOLTAGE
• EMI Compliant When Used With
Recommended System Design
• Intelligent Gate Drive
• Mid-Z Ramp Compatible for reduced "pop
noise"
• Mini/Micro Audio System
• DVD Receiver
• Home Theater
The TAS5162 is a high performance, integrated
stereo digital amplifier power stage with an improved
protection system. The TAS5162 is capable of
driving a 6-
Ω bridge-tied load (BTL) at up to 210 W
per channel at THD = 10%, low integrated noise at
(1)
The DDV package will deliver the stated maximum power
the output, low THD+N performance without clipping,
levels;
however,
this
is
dependant
on
system
and low idle power dissipation.
configuration. The smaller pad area also makes the
thermal interface to the heatsink more important. For
A low-cost, high-fidelity audio system can be built
multichannel systems that require two channels to be
using a TI chipset, comprising a modulator (e.g.,
driven at full power with the DDV package option, it is
TAS5508) and the TAS5162. PurePath Digital™
recommended to design the system so that the two
channels are in two separate devices.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PurePath Digital, PowerPad are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5162DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5162DDVR TI-TAS5162DDVR Datasheet
763Kb / 28P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5162DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com