| Electronic Components Datasheet Search |
|
THS7347IPHPR Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS7347IPHPR Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 28 page ![]() www.ti.com READING FROM THE THS7347 THS7347 SLOS531 – MAY 2007 The read operation consists of two phases. The first phase is the address phase. In this phase, an I2C master initiates a write operation to the THS7347 by generating a start condition (S) followed by the THS7347 I2C address, in MSB-first order, followed by a '0' to indicate a write cycle. After receiving an acknowledge from the THS7347, the master presents the subaddress (channel) of the register it wants to read. After the cycle is acknowledged (A), the master terminates the cycle immediately by generating a stop condition (P). The second phase is the data phase. In this phase, an I2C master initiates a read operation to the THS7347 by generating a start condition followed by the THS7347 I2C address, in MSB-first order, followed by a '1' to indicate a read cycle. After an acknowledge from the THS7347, the I2C master receives one byte of data from the THS7347. After the data byte has been transferred from the THS7347 to the master, the master generates a not-acknowledge (A) followed by a stop. As with the Write function, to read all channels, steps 1 through 11 must be repeated for each channel desired. THS7347 Read Phase 1: Step 1 0 I2C Start (Master) S Step 2 7 6 5 4 3 2 1 0 I2C General Address (Master) 0 1 0 1 1 X X 0 Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND. Step 3 9 I2C Acknowledge (Slave) A Step 4 7 6 5 4 3 2 1 0 I2C Read Channel Address (Master) 0 0 0 0 0 Addr Addr Addr Where Addr is determined by the values shown in Table 2. Step 5 9 I2C Acknowledge (Slave) A Step 6 0 I2C Start (Master) P THS7347 Read Phase 2: Step 7 0 I2C Start (Master) S Step 8 7 6 5 4 3 2 1 0 I2C General Address (Master) 0 1 0 1 1 X X 1 Where each X Logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND. Step 9 9 I2C Acknowledge (Slave) A Step 10 7 6 5 4 3 2 1 0 I2C Read Data (Slave) Data Data Data Data Data Data Data Data Where Data is determined by the logic values contained in the Channel Register. Step 11 9 I2C Not-Acknowledge (Master) A Step 12 0 I2C Stop (Master) P 23 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |