Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA114TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA114TS
Description  PNP resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114TS Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA114TS Datasheet HTML 1Page - NXP Semiconductors PDTA114TS Datasheet HTML 2Page - NXP Semiconductors PDTA114TS Datasheet HTML 3Page - NXP Semiconductors PDTA114TS Datasheet HTML 4Page - NXP Semiconductors PDTA114TS Datasheet HTML 5Page - NXP Semiconductors PDTA114TS Datasheet HTML 6Page - NXP Semiconductors PDTA114TS Datasheet HTML 7Page - NXP Semiconductors PDTA114TS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 May 15
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistor
PDTA114TS
FEATURES
• Built-in bias resistor R1 (typ. 10 kΩ)
• Simplification of circuit design
• Reduces number of components
and board space.
APPLICATIONS
• Especially suitable for space
reduction in interface and driver
circuits
• Inverter circuit configurations
without use of an external resistor.
DESCRIPTION
PNP resistor-equipped transistor in a
TO-92; SOT54 plastic package.
NPN complement: PDTC114TS.
PINNING
PIN
DESCRIPTION
1
base/input
2
collector/output
3
emitter/ground (+)
Fig.1 Simplified outline (TO-92; SOT54) and symbol.
handbook, halfpage
MAM352
1
2
3
2
3
1
R1
Fig.2
Equivalent inverter
symbol.
MGL136
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−−−50
V
IO
output current (DC)
−−−100
mA
ICM
peak collector current
−−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
500
mW
hFE
DC current gain
IC = −1 mA; VCE = −5 V
200
−−
R1
input resistor
7
10
13
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com