Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2425W2U Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # CD2425W2U
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD2425W2U Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  CD2425W2U Datasheet HTML 1Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 2Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 3Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 4Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
WIRING DIAGRAM
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
2
1
A2
A1
LED
+DC
-DC
AC
Trigger
Circuit
Current
Limiter
AC
4
3
B2
B1
LED
SSR Output Configuration
"U" Option Top-Bottom
Line/Load Connections
LOAD A
LOAD B
AC SUPPLY
AC SUPPLY
+A
+B
-A
-B
A
B
Contactor Output Configuration
"V" Option Left-Right
Line/Load Connections
L
O
A
D
A
L
O
A
D
B
AC SUPPLY
+A
+B
-A
-B
AC SUPPLY
A
B
Series
C
Cover
C: Included
D: Not Included
Operating Voltage
24: 24-280 VAC
48: 48-600 VAC
Rated Load Current
25: 25 Amps
50: 50 Amps
Control Voltage
W: 4-32 VDC
Input Connector
2: Key Locking Connector
3: 4 Pin Connector accepting Screw Terminals
4: 4 Pin Spring Terminal
Output Terminal Orientation
U: A channel top, B channel bottom
V: A channel on left, B channel on right
Thermal Pad
Blank: Not Included
H: Included
Example : CD2425W2VH
Required for valid part number
For options only and not required for valid part number
ORDERING OPTIONS
C
D
24
-
25
-
W
-
2
-
V
-
H
GENERAL NOTES
(1)
All parameters at 25°C and per section unless otherwise specified.
(2)
Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(3)
Heat sinking required, see derating curves.
(4)
Input circuit incorporates active current limitation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com