Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C241 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C241
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C241 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C241 Datasheet HTML 1Page - National Semiconductor (TI) DS90C241 Datasheet HTML 2Page - National Semiconductor (TI) DS90C241 Datasheet HTML 3Page - National Semiconductor (TI) DS90C241 Datasheet HTML 4Page - National Semiconductor (TI) DS90C241 Datasheet HTML 5Page - National Semiconductor (TI) DS90C241 Datasheet HTML 6Page - National Semiconductor (TI) DS90C241 Datasheet HTML 7Page - National Semiconductor (TI) DS90C241 Datasheet HTML 8Page - National Semiconductor (TI) DS90C241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (V
CC +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (V
CC +0.3V)
LVDS Receiver Input Voltage
−0.3V to 3.9V
LVDS Driver Output Voltage
−0.3V to 3.9V
LVDS Output Short Circuit Duration
10 ms
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+260˚C
Maximum Package Power Dissipation Capacity Package
De-rating:
48L TQFP
1/
θ
JA ˚C/W above +25˚C
DS90C241
θ
JA
45.8 (4L*); 75.4 (2L*) ˚C/W
θ
JC
21.0˚C/W
DS90C124
θ
JA
45.4 (4L*); 75.0 (2L*)˚C/W
θ
JC
21.1˚C/W
*JEDEC
ESD Rating (HBM)
>8kV
ESD Rating (ISO10605)
DS90C241 meets ISO 10605
R
D =2k
Ω,C
S = 330 pF
Contact Discharge (D
OUT+,DOUT-)toGND
±8kV
Air Discharge (D
OUT+,DOUT-)toGND
±25 kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+105
˚C
Clock Rate
5
35
MHz
Supply Noise
±100
mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
V
IH
High Level Voltage
Tx: DIN[23:0], TCLK,
TPWDNB, DEN, TRFB,
DCAOFF, DCBOFF,
VODSEL
Rx: RPWDNB, RRFB,
REN
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
(Note 8)
−0.8
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
Tx: DIN[23:0], TCLK,
TPWDNB, DEN, TRFB,
DCAOFF, DCBOFF,
VODSEL
−10
±5
+10
µA
Rx: RPWDNB, RRFB,
REN
−20
±5
+20
µA
V
OH
High Level Output Voltage
I
OH =−4mA
Rx: ROUT[23:0], RCLK,
LOCK
2.3
3.0
V
CC
V
V
OL
Low Level Output Voltage
I
OL = +4 mA
GND
0.33
0.5
V
I
OS
Output Short Circuit Current
V
OUT =0V
(Note 8)
−40
−70
−110
mA
I
OZ
TRI-STATE® Output Current
RPWDNB, REN = 0V
V
OUT = 0V or 2.4V
Rx: ROUT[23:0], RCLK,
LOCK
−30
±0.4
+30
µA
LVDS DC SPECIFICATIONS
V
TH
Differential Threshold High
Voltage
V
CM = +1.2V
Rx: R
IN+,RIN−
+100
mV
V
TL
Differential Threshold Low
Voltage
−100
mV
I
IN
Input Current
V
IN = +2.4V,
V
CC = 3.6V or 0V
±200
µA
V
IN = 0V, VCC = 3.6V or 0V
±200
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com