Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2513 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  Cable plug acc. to DIN EN 175301 - 803 Form A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit product website 
DATA SHEET
1000219551 | Standard | EU | en | 202109 | 05
Cable plug acc. to DIN EN 175301 - 803
Form A
• Meets requirements acc. to ATEX category 3 GD - to be used with
Bürkert valves
• Impact and extract test acc. to EN 60079 standard
• TAG sign for individual labelling
• Hard prewired PUR cable in 4 lengths
Plug-in connection with fixed moulded cable for connecting electrical compo-
nents acc. to DIN EN 175301 - 803.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Type 2513
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2513

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2513 KR-2513 Datasheet
23Kb / 2P
Lowpass Filter
logo
Heyco.
2513 HEYCO-2513 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Christian Bürkert GmbH ...
2513 BURKERT-2513 Datasheet
1Mb / 14P
3/2 way solenoid valve for pneumatic applica-tions
15.02.2022
2513 BURKERT-2513 Datasheet
1Mb / 14P
4/2 way solenoid valve for pneumatic applica-tions
15.02.2022
2513 BURKERT-2513 Datasheet
1Mb / 11P
4/2 way Solenoid Valve for pneumatics
20.11.2019
More results

Similar Description - 2513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1210400096 MOLEX11-1210400096 Datasheet
171Kb / 3P
DIN Form A over mould
logo
Oscilent Corporation
803-RF447.0M-A OSCILENT-803-RF447.0M-A_14 Datasheet
113Kb / 4P
803-RF447.0M-A_14
803-RF411.25M-A OSCILENT-803-RF411.25M-A_14 Datasheet
390Kb / 3P
803-RF411.25M-A
logo
List of Unclassifed Man...
23364 ETC2-23364 Datasheet
83Kb / 1P
Measuring adapter for measurement with 4 mm measuring leads and plugs and DIN EN 175 301-803-A sockets
26405 ETC2-26405 Datasheet
134Kb / 2P
Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
26407 ETC2-26407 Datasheet
134Kb / 2P
Industrial Connectors:Rechteck-Steckverbinder GDM-Serie:Bauform AEN 175301-803
logo
PHOENIX CONTACT
PLC-OSP-110DC PHOENIX-PLC-OSP-110DC Datasheet
119Kb / 9P
Shock resistance according to DIN 50155 (requirements according to EN 61373)
0913731 PHOENIX-0913731 Datasheet
57Kb / 3P
Fuse - SI FORM C 4 A DIN 72581
09/11/2020
0913676 PHOENIX-0913676 Datasheet
57Kb / 3P
Fuse - SI FORM C 15 A DIN 72581
12/24/2021
0913757 PHOENIX-0913757 Datasheet
56Kb / 3P
Fuse - SI FORM C 25 A DIN 72581
12/24/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com