Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM73 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM73_06 Datasheet HTML 1Page - National Semiconductor (TI) LM73_06 Datasheet HTML 2Page - National Semiconductor (TI) LM73_06 Datasheet HTML 3Page - National Semiconductor (TI) LM73_06 Datasheet HTML 4Page - National Semiconductor (TI) LM73_06 Datasheet HTML 5Page - National Semiconductor (TI) LM73_06 Datasheet HTML 6Page - National Semiconductor (TI) LM73_06 Datasheet HTML 7Page - National Semiconductor (TI) LM73_06 Datasheet HTML 8Page - National Semiconductor (TI) LM73_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 2)
Supply Voltage
−0.3 V to 6.0 V
Voltage at Any Pin
−0.3 V to (V
DD + 0.5 V)
Input Current at Any Pin (Note 3)
±5mA
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 5)
Human Body Model
2000 V
Machine Model
200 V
Soldering process must comply with National
Semiconductor’s Reflow Temperature Profile
specifications. Refer to www.national.com/packaging.
(Note 4)
Operating Ratings
(Note 2)
Specified Temperature Range
T
MIN
≤T
A
≤T
MAX
-40˚C
≤T
A
≤+150˚C
Supply Voltage Range (V
DD)
+2.7V to +5.5V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
DD = 2.7V to 5.5V. Boldface limits apply for TA =TJ =TMIN to TMAX;
all other limits T
A =TJ = +25˚C, unless otherwise noted. TA is the ambient temperature. TJ is the junction temperature.
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Accuracy (Note 8)
V
DD = 2.7V to
V
DD = 4.5V
T
A = −10˚C to 80˚C
±1.0
˚C (max)
T
A = −25˚C to 115˚C
±1.5
˚C (max)
T
A = −40˚C to 150˚C
±2.0
˚C (max)
V
DD > 4.5V to
V
DD = 5.5V
T
A = −10˚C to 80˚C
±1.5
˚C (max)
T
A = −25˚C to 115˚C
±2.0
˚C (max)
T
A = −40˚C to 150˚C
±2.5
˚C (max)
Resolution
RES1 Bit = 0, RES0 Bit = 0
11
Bits
0.25
˚C/LSB
RES1 Bit = 0, RES0 Bit = 1
12
Bits
0.125
˚C/LSB
RES1 Bit = 1, RES0 Bit = 0
13
Bits
0.0625
˚C/LSB
RES1 Bit = 1, RES0 Bit = 1
14
Bits
0.03125
˚C/LSB
Temperature Conversion
Time (Note 9)
RES1 Bit = 0, RES0 Bit = 0
10.1
14
ms (max)
RES1 Bit = 0, RES0 Bit = 1
20.2
28
ms (max)
RES1 Bit = 1, RES0 Bit = 0
40.4
56
ms (max)
RES1 Bit = 1, RES0 Bit = 1
80.8
112
ms (max)
Quiescent Current
Continuous Conversion Mode, SMBus inactive
320
495
µA (max)
Shutdown, bus-idle timers on
120
175
µA (max)
Shutdown, bus-idle timers off
1.9
8
µA (max)
Power-On Reset
Threshold
Measured on V
DD input, falling edge
0.9
V (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com